Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1864 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP1864
Description  Constant Frequency Current-Mode Step-Down DC/DC Controller in TSOT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1864 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP1864 Datasheet HTML 8Page - Analog Devices ADP1864 Datasheet HTML 9Page - Analog Devices ADP1864 Datasheet HTML 10Page - Analog Devices ADP1864 Datasheet HTML 11Page - Analog Devices ADP1864 Datasheet HTML 12Page - Analog Devices ADP1864 Datasheet HTML 13Page - Analog Devices ADP1864 Datasheet HTML 14Page - Analog Devices ADP1864 Datasheet HTML 15Page - Analog Devices ADP1864 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ADP1864
Rev. 0 | Page 13 of 16
LAYOUT CONSIDERATIONS
Layout is important with all switching regulators, but is
particularly important for high switching frequencies. Ensure
all high current paths are as wide as possible to minimize track
inductance, which causes spiking and electromagnetic inter-
ference (EMI). These paths are shown in bold in Figure 16.
Place the current sense resistor and the input capacitor(s) as
close to the IN pin as possible.
Keep the PGND connections for the diode, input capacitor(s),
and output capacitor(s) as close together as possible on a wide
PGND plane. Connect the PGND and GND planes at a single
point with a narrow trace close to the ADP1864 GND
connection.
Ensure the feedback resistors are placed as close as possible
to the FB pin to prevent stray pickup. To prevent extra noise
pickup on the FB line, do not allow the feedback trace from
the output voltage to FB to pass right beside the drain of the
external PFET. Add an extra copper plane at the connection of
the FET drain and the cathode of the diode to help dissipate the
heat generated by losses in those components.
ADP1864
COMP
GND
FB
CS
PGATE
IN
1
2
3
5
6
4
VIN
VOUT
PGND
CIN
Figure 16. Application Circuit Showing High Current Paths (in Bold)
ADP1864
VIN
PGND
VOUT
MOSFET
CIN
CO
D1
L1
RS
RFB1
RFB2
PGND
RCOMP
CCOMP
Figure 17. Example of Layout for an ADP1864 3A Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com