Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2105 Datasheet(PDF) 21 Page - Analog Devices

Part # ADP2105
Description  1 Amp/1.5 Amp/2 Amp Synchronous, Step-Down DC-to-DC Converters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2105 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADP2105 Datasheet HTML 17Page - Analog Devices ADP2105 Datasheet HTML 18Page - Analog Devices ADP2105 Datasheet HTML 19Page - Analog Devices ADP2105 Datasheet HTML 20Page - Analog Devices ADP2105 Datasheet HTML 21Page - Analog Devices ADP2105 Datasheet HTML 22Page - Analog Devices ADP2105 Datasheet HTML 23Page - Analog Devices ADP2105 Datasheet HTML 24Page - Analog Devices ADP2105 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
ADP2105/ADP2106/ADP2107
Rev. 0 | Page 21 of 32
EFFICIENCY CONSIDERATIONS
Efficiency is defined as the ratio of output power to input power.
The high efficiency of the ADP2105/ADP2106/ADP2107 has
two distinct advantages. First, only a small amount of power is
lost in the dc-to-dc converter package that reduces thermal
constraints. In addition, high efficiency delivers the maximum
output power for the given input power, extending battery life
in portable applications.
There are four major sources of power loss in dc-to-dc
converters like the ADP2105/ADP2106/ADP2107.
•
Power switch conduction losses
•
Inductor losses
•
Switching losses
•
Transition losses
Power Switch Conduction Losses
Power switch conduction losses are caused by the flow of output
current through the P-channel power switch and the N-channel
synchronous rectifier, which have internal resistances (RDS(ON))
associated with them. The amount of power loss can be approxi-
mated by
PSW − COND = [RDS(ON) − P × D + RDS(ON) − N × (1 − D)] × IOUT2
where D = VOUT/VIN.
The internal resistance of the power switches increases with
temperature but decreases with higher input voltage. Figure 19
in the Typical Performance Characteristics section shows the
change in RDS(ON) vs. input voltage, while Figure 27 in the
Typical Performance Characteristics section shows the change
in RDS(ON) vs. temperature for both power devices.
Inductor Losses
Inductor conduction losses are caused by the flow of current
through the inductor, which has an internal resistance (DCR)
associated with it. Larger sized inductors have smaller DCR,
which can improve inductor conduction losses.
Inductor core losses are related to the magnetic permeability of
the core material. Because the ADP2105/ADP2106/ADP2107
are high switching frequency dc-to-dc converters, shielded ferrite
core material is recommended for its low core losses and low EMI.
The total amount of inductor power loss can be calculated by
PL = DCR × IOUT2 + Core Losses
Switching Losses
Switching losses are associated with the current drawn by the
driver to turn on and turn off the power devices at the
switching frequency. Each time a power device gate is turned on
and turned off, the driver transfers a charge ΔQ from the input
supply to the gate and then from the gate to ground.
The amount of power loss can by calculated by
PSW = (CGATE − P + CGATE − N) × VIN2 × fSW
where:
(CGATE − P + CGATE − N) ~ 600 pF.
fSW = 1.2 MHz, the switching frequency.
Transition Losses
Transition losses occur because the P-channel MOSFET power
switch cannot turn on or turn off instantaneously. At the middle of
a LX node transition, the power switch is providing all the inductor
current, while the source to drain voltage of the power switch is
half the input voltage, resulting in power loss. Transition losses
increase with load current and input voltage and occur twice for
each switching cycle.
The amount of power loss can be calculated by
SW
OUT
IN
TRAN
f
t
t
I
V
P
OFF
ON
×
+
×
×
=
)
(
2
where tON and tOFF are the rise time and fall time of the LX node,
which are approximately 3 ns.
THERMAL CONSIDERATIONS
In most applications, the ADP2105/ADP2106/ADP2107 do not
dissipate a lot of heat due to their high efficiency. However, in
applications with high ambient temperature, low supply voltage,
and high duty cycle, the heat dissipated in the package is large
enough that it can cause the junction temperature of the die to
exceed the maximum junction temperature of 125°C. Once the
junction temperature exceeds 140°C, the converter goes into
thermal shutdown. It recovers only after the junction temperature
has decreased below 100°C to prevent any permanent damage.
Therefore, thermal analysis for the chosen application solution
is very important to guarantee reliable performance over all
conditions.
The junction temperature of the die is the sum of the ambient
temperature of the environment and the temperature rise of the
package due to the power dissipation, as shown in the following
equation:
TJ = TA + TR
where:
TJ is the junction temperature.
TA is the ambient temperature.
TR is the rise in temperature of the package due to power
dissipation in it.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com