Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2107 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP2107
Description  1 Amp/1.5 Amp/2 Amp Synchronous, Step-Down DC-to-DC Converters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2107 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP2107 Datasheet HTML 4Page - Analog Devices ADP2107 Datasheet HTML 5Page - Analog Devices ADP2107 Datasheet HTML 6Page - Analog Devices ADP2107 Datasheet HTML 7Page - Analog Devices ADP2107 Datasheet HTML 8Page - Analog Devices ADP2107 Datasheet HTML 9Page - Analog Devices ADP2107 Datasheet HTML 10Page - Analog Devices ADP2107 Datasheet HTML 11Page - Analog Devices ADP2107 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
ADP2105/ADP2106/ADP2107
Rev. 0 | Page 8 of 32
100
50
1
10000
LOAD CURRENT (mA)
95
90
85
80
75
70
65
60
55
10
100
1000
VIN =4.2V
VIN =5.5V
VIN =3.6V
VIN =2.7V
INDUCTOR: SD12, 1.2µH
DCR: 37mΩ
TA =25°C
Figure 10. Efficiency—ADP2107 (1.2 V)
100
50
1
10000
LOAD CURRENT (mA)
95
90
85
80
75
70
65
60
55
10
100
1000
VIN =4.2V
VIN =5.5V
VIN =3.6V
INDUCTOR: CDRH5D28, 2.5µH
DCR: 13mΩ
TA = 25°C
Figure 11. Efficiency—ADP2107 (3.3 V)
1.85
1.75
0.1
10000
LOAD CURRENT (mA)
5.5V, –40°C
5.5V, +25°C
2.7V, –40°C
2.7V, +25°C
2.7V, +125°C
3.6V, –40°C
3.6V, +25°C
3.6V, +125°C
5.5V, +125°C
1.83
1.81
1.79
1.77
1
10
100
1000
Figure 12. Output Voltage Accuracy—ADP2107 (1.8 V)
100
50
1
10000
LOAD CURRENT (mA)
95
90
85
80
75
70
65
60
55
10
100
1000
VIN =2.7V
VIN =3.6V
VIN =4.2V
VIN =5.5V
INDUCTOR: D62LCB, 1.5µH
DCR: 21mΩ
TA =25°C
Figure 13. Efficiency—ADP2107 (1.8 V)
1.23
1.17
0.01
10000
LOAD CURRENT (mA)
5.5V, –40°C
5.5V, +25°C
2.7V, –40°C
2.7V, +25°C
2.7V, +125°C
3.6V, –40°C
3.6V, +25°C
3.6V, +125°C
5.5V, +125°C
0.1
1
10
100
1000
1.22
1.21
1.20
1.19
1.18
Figure 14. Output Voltage Accuracy—ADP2107 (1.2 V)
3.38
3.22
0.01
10000
LOAD CURRENT (mA)
0.1
1
10
100
1000
3.36
3.34
3.32
3.30
3.28
3.26
3.24
5.5V, –40°C
5.5V, +25°C
3.6V, –40°C
3.6V, +25°C
3.6V, +125°C
5.5V, +125°C
Figure 15. Output Voltage Accuracy—ADP2107 (3.3 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com