Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSH101 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BSH101
Description  N-channel enhancement mode MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSH101 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BSH101 Datasheet HTML 2Page - NXP Semiconductors BSH101 Datasheet HTML 3Page - NXP Semiconductors BSH101 Datasheet HTML 4Page - NXP Semiconductors BSH101 Datasheet HTML 5Page - NXP Semiconductors BSH101 Datasheet HTML 6Page - NXP Semiconductors BSH101 Datasheet HTML 7Page - NXP Semiconductors BSH101 Datasheet HTML 8Page - NXP Semiconductors BSH101 Datasheet HTML 9Page - NXP Semiconductors BSH101 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
2000 Jul 19
6
Philips Semiconductors
Product specification
N-channel enhancement mode
MOS transistor
BSH101
Fig.5 Switching times test circuit with input and output waveforms.
handbook, full pagewidth
MAM274
90 %
10 %
10 %
90 %
Vin
Vout
td(on)
ton
toff
tf
tr
td(off)
0
0
VDD
RL
Vout
Vin
Fig.6
Gate-source and drain-source voltages as
functions of total gate charge; typical values.
VDD = 30 V; ID = 0.35 A; Tamb =25 °C.
(1) VDS.
(2) VGS.
handbook, halfpage
QG (pC)
VGS
(V)
VDS
(V)
MGM196
(1)
(2)
0
2
4
6
8
10
12
0
5
10
15
20
25
30
Fig.7
Output characteristics; typical values.
Tamb =25 °C; tp = 300 µs; δ =0.
(1) VGS =10V.
(2) VGS =8V.
(3) VGS =6V.
(4) VGS = 5.5 V.
(5) VGS =5V.
(6) VGS = 4.5 V.
(7) VGS =4V.
(8) VGS = 3.5 V.
(9) VGS =3V.
handbook, halfpage
0
3
2
1
0
21
0
MGM194
468
VDS (V)
ID
(A)
(1)(2) (3)(4) (5)
(6)
(8)
(9)
(7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com