Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1710AUJZ-3.0-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADP1710AUJZ-3.0-R7
Description  150 mA, Low Dropout, CMOS Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1710AUJZ-3.0-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADP1710AUJZ-3.0-R7 Datasheet HTML 8Page - Analog Devices ADP1710AUJZ-3.0-R7 Datasheet HTML 9Page - Analog Devices ADP1710AUJZ-3.0-R7 Datasheet HTML 10Page - Analog Devices ADP1710AUJZ-3.0-R7 Datasheet HTML 11Page - Analog Devices ADP1710AUJZ-3.0-R7 Datasheet HTML 12Page - Analog Devices ADP1710AUJZ-3.0-R7 Datasheet HTML 13Page - Analog Devices ADP1710AUJZ-3.0-R7 Datasheet HTML 14Page - Analog Devices ADP1710AUJZ-3.0-R7 Datasheet HTML 15Page - Analog Devices ADP1710AUJZ-3.0-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
ADP1710/ADP1711
Rev. 0 | Page 14 of 16
ORDERING GUIDE
Model
Temperature
Range
Output
Voltage (V)
Package
Description
Package
Option
Branding
ADP1710AUJZ-0.75R71
–40°C to +125°C
0.75
5-Lead TSOT
UJ-5
L4S
ADP1710AUJZ-0.8-R71
–40°C to +125°C
0.80
5-Lead TSOT
UJ-5
L0D
ADP1710AUJZ-0.85R71
–40°C to +125°C
0.85
5-Lead TSOT
UJ-5
L40
ADP1710AUJZ-0.9-R71
–40°C to +125°C
0.90
5-Lead TSOT
UJ-5
L41
ADP1710AUJZ-0.95R71
–40°C to +125°C
0.95
5-Lead TSOT
UJ-5
L42
ADP1710AUJZ-1.0-R71
–40°C to +125°C
1.00
5-Lead TSOT
UJ-5
L0E
ADP1710AUJZ-1.05R71
–40°C to +125°C
1.05
5-Lead TSOT
UJ-5
L43
ADP1710AUJZ-1.10R71
–40°C to +125°C
1.10
5-Lead TSOT
UJ-5
L47
ADP1710AUJZ-1.15R71
–40°C to +125°C
1.15
5-Lead TSOT
UJ-5
L44
ADP1710AUJZ-1.2-R71
–40°C to +125°C
1.20
5-Lead TSOT
UJ-5
L45
ADP1710AUJZ-1.3-R71
–40°C to +125°C
1.30
5-Lead TSOT
UJ-5
L46
ADP1710AUJZ-1.5-R71
–40°C to +125°C
1.50
5-Lead TSOT
UJ-5
L0F
ADP1710AUJZ-1.8-R71
–40°C to +125°C
1.80
5-Lead TSOT
UJ-5
L0G
ADP1710AUJZ-2.5-R71
–40°C to +125°C
2.50
5-Lead TSOT
UJ-5
L0H
ADP1710AUJZ-3.0-R71
–40°C to +125°C
3.00
5-Lead TSOT
UJ-5
L0J
ADP1710AUJZ-3.3-R71
–40°C to +125°C
3.30
5-Lead TSOT
UJ-5
L0K
ADP1710AUJZ-R71
–40°C to +125°C
0.8 to 5.0
5-Lead TSOT
UJ-5
L0L
ADP1711AUJZ-0.75R71
–40°C to +125°C
0.75
5-Lead TSOT
UJ-5
L4T
ADP1711AUJZ-0.8-R71
–40°C to +125°C
0.80
5-Lead TSOT
UJ-5
L0M
ADP1711AUJZ-0.85R71
–40°C to +125°C
0.85
5-Lead TSOT
UJ-5
L48
ADP1711AUJZ-0.9-R71
–40°C to +125°C
0.90
5-Lead TSOT
UJ-5
L49
ADP1711AUJZ-0.95R71
–40°C to +125°C
0.95
5-Lead TSOT
UJ-5
L4A
ADP1711AUJZ-1.0-R71
–40°C to +125°C
1.00
5-Lead TSOT
UJ-5
L0N
ADP1711AUJZ-1.05R71
–40°C to +125°C
1.05
5-Lead TSOT
UJ-5
L4C
ADP1711AUJZ-1.10R71
–40°C to +125°C
1.10
5-Lead TSOT
UJ-5
L4G
ADP1711AUJZ-1.15R71
–40°C to +125°C
1.15
5-Lead TSOT
UJ-5
L4D
ADP1711AUJZ-1.2-R71
–40°C to +125°C
1.20
5-Lead TSOT
UJ-5
L4E
ADP1711AUJZ-1.3-R71
–40°C to +125°C
1.30
5-Lead TSOT
UJ-5
L4F
ADP1711AUJZ-1.5-R71
–40°C to +125°C
1.50
5-Lead TSOT
UJ-5
L0P
ADP1711AUJZ-1.8-R71
–40°C to +125°C
1.80
5-Lead TSOT
UJ-5
L0Q
ADP1711AUJZ-2.5-R71
–40°C to +125°C
2.50
5-Lead TSOT
UJ-5
L0R
ADP1711AUJZ-3.0-R71
–40°C to +125°C
3.00
5-Lead TSOT
UJ-5
L0S
ADP1711AUJZ-3.3-R71
–40°C to +125°C
3.30
5-Lead TSOT
UJ-5
L0U
1 Z = Pb-free part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com