Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5503-AP Datasheet(PDF) 32 Page - Cirrus Logic

Part # CS5503-AP
Description  Low-Cost, 16 & 20-Bit Measurement A/D Converter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5503-AP Datasheet(HTML) 32 Page - Cirrus Logic

Back Button CS5503-AP Datasheet HTML 28Page - Cirrus Logic CS5503-AP Datasheet HTML 29Page - Cirrus Logic CS5503-AP Datasheet HTML 30Page - Cirrus Logic CS5503-AP Datasheet HTML 31Page - Cirrus Logic CS5503-AP Datasheet HTML 32Page - Cirrus Logic CS5503-AP Datasheet HTML 33Page - Cirrus Logic CS5503-AP Datasheet HTML 34Page - Cirrus Logic CS5503-AP Datasheet HTML 35Page - Cirrus Logic CS5503-AP Datasheet HTML 36Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 54 page
background image
SPECIFICATION DEFINITIONS
Linearity Error
The deviation of a code from a straight line which connects the two endpoints of the A/D
Converter transfer function. One endpoint is located 1/2 LSB below the first code transition
and the other endpoint is located 1/2 LSB beyond the code transition to all ones. Units in
percent of full-scale.
Differential Linearity
The deviation of a code’s width from the ideal width. Units in LSB’s.
Full-Scale Error
The deviation of the last code transition from the ideal (VREF-3/2 LSB’s). Units in LSBs.
Unipolar Offset
The deviation of the first code transition from the ideal (1/2 LSB above AGND) when in
unipolar mode (BP/UP low). Units in LSBs.
Bipolar Offset
The deviation of the mid-scale transition (011...111 to 100...000) from the ideal (1/2 LSB
below AGND) when in bipolar mode (BP/UP high). Units in LSBs.
Bipolar Negative Full-Scale Error
The deviation of the first code transition from the ideal when in bipolar mode (BP/UP high).
The Ideal is defined as lying on a straight line which passes through the final and mid-scale
code transitions. Units in LSBs.
Positive Full-Scale Input Overrange
The absolute maximum positive voltage allowed for either accurate system calibration or
accurate conversions. Units in volts.
Negative Full-Scale Input Overrange
The absolute maximum negative voltage allowed for either accurate system calibration or
accurate conversions. Units in volts.
Offset Calibration Range
The CS5501/CS5503 calibrate their offset to the voltage applied to the AIN pin when in system
calibration mode. The first code transition defines Unipolar Offset when BP/UP is low and the
mid-scale transition defines Bipolar Offset when BP/UP is high. The Offset Calibration Range
specification indicates the range of voltages applied to AIN that the CS5501 or CS5503 can
accept and still calibrate offset accurately. Units in volts.
Input Span
The voltages applied to the AIN pin in system-calibration schemes define the CS5501/CS5503
analog input range. The Input Span specification indicates the minimum and maximum input
spans from zero-scale to full-scale in unipolar, or from positive full scale to negative full scale
in bipolar, that the CS5501/CS5503 can accept and still calibrate gain accurately. Units
in
volts.
CS5501/CS5503
32
DS31F2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com