Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1710AUJZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP1710AUJZ-R7
Description  150 mA, Low Dropout, CMOS Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1710AUJZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP1710AUJZ-R7 Datasheet HTML 4Page - Analog Devices ADP1710AUJZ-R7 Datasheet HTML 5Page - Analog Devices ADP1710AUJZ-R7 Datasheet HTML 6Page - Analog Devices ADP1710AUJZ-R7 Datasheet HTML 7Page - Analog Devices ADP1710AUJZ-R7 Datasheet HTML 8Page - Analog Devices ADP1710AUJZ-R7 Datasheet HTML 9Page - Analog Devices ADP1710AUJZ-R7 Datasheet HTML 10Page - Analog Devices ADP1710AUJZ-R7 Datasheet HTML 11Page - Analog Devices ADP1710AUJZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADP1710/ADP1711
Rev. 0 | Page 8 of 16
THEORY OF OPERATION
The ADP1710/ADP1711 are low dropout, CMOS linear
regulators that use an advanced, proprietary architecture to
provide high power supply rejection ratio (PSRR) and excellent
line and load transient response with just a small 1 μF ceramic
output capacitor. Both devices operate from a 2.5 V to 5.5 V
input rail and provide up to 150 mA of output current.
Incorporating a novel scaling architecture, ground current is
very low when driving light loads. Ground current in shutdown
mode is typically 100 nA.
REFERENCE
CURRENT LIMIT
THERMAL PROTECT
SHUTDOWN
AND UVLO
GND
OUT
NC/
ADJ/
BYP
NC = NO CONNECT
IN
EN
+
Figure 18. Internal Block Diagram
Internally, the ADP1710/ADP1711 each consist of a reference,
an error amplifier, a feedback voltage divider, and a PMOS pass
transistor. Output current is delivered via the PMOS pass
device, which is controlled by the error amplifier. The error
amplifier compares the reference voltage with the feedback
voltage from the output and amplifies the difference. If the
feedback voltage is lower than the reference voltage, the gate of
the PMOS device is pulled lower, allowing more current to pass
and increasing the output voltage. If the feedback voltage is
higher than the reference voltage, the gate of the PMOS device
is pulled higher, allowing less current to pass and decreasing the
output voltage.
The ADP1710 is available in two versions, one with fixed output
voltage options and one with an adjustable output voltage. The
fixed output voltage option is set internally to one of sixteen
values between 0.75 V and 3.3 V, using an internal feedback
network. The adjustable output voltage can be set to between 0.8
V and 5.0 V by an external voltage divider connected from OUT
to ADJ. The ADP1711 is available with fixed output voltage
options and features a bypass pin, which allows an external
capacitor to be connected, which reduces internal reference
noise. All devices are controlled by an enable pin (EN).
ADJUSTABLE OUTPUT VOLTAGE
(ADP1710 ADJUSTABLE)
The ADP1710 adjustable version can have its output voltage
set over a 0.8 V to 5.0 V range. The output voltage is set by
connecting a resistive voltage divider from OUT to ADJ. The
output voltage is calculated using the equation
VOUT = 0.8 V (1 + R1/R2)
(1)
where:
R1 is the resistor from OUT to ADJ.
R2 is the resistor from ADJ to GND.
The maximum bias current into ADJ is 100 nA, so for less
than 0.5% error due to the bias current, use values less than
60 kΩ for R2.
BYPASS CAPACITOR (ADP1711)
The ADP1711 allows for an external bypass capacitor to be
connected to the internal reference, which reduces output
voltage noise and improves power supply rejection. A low
leakage capacitor of 1 nF or greater (10 nF is recommended)
must be connected between the BYP and GND pins.
ENABLE FEATURE
The ADP1710/ADP1711 use the EN pin to enable and disable
the OUT pin under normal operating conditions. As shown in
Figure 19, when a rising voltage on EN crosses the active
threshold, OUT turns on. When a falling voltage on EN crosses
the inactive threshold, OUT turns off.
2
EN
OUT
VIN = 5V
VOUT = 1.6V
CIN = 1µF
COUT = 1µF
ILOAD = 10mA
TIME (1ms/DIV)
Figure 19. ADP1710 Adjustable Typical EN Pin Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com