Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5503-BP Datasheet(PDF) 41 Page - Cirrus Logic

Part # CS5503-BP
Description  Low-Cost, 16 & 20-Bit Measurement A/D Converter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5503-BP Datasheet(HTML) 41 Page - Cirrus Logic

Back Button CS5503-BP Datasheet HTML 37Page - Cirrus Logic CS5503-BP Datasheet HTML 38Page - Cirrus Logic CS5503-BP Datasheet HTML 39Page - Cirrus Logic CS5503-BP Datasheet HTML 40Page - Cirrus Logic CS5503-BP Datasheet HTML 41Page - Cirrus Logic CS5503-BP Datasheet HTML 42Page - Cirrus Logic CS5503-BP Datasheet HTML 43Page - Cirrus Logic CS5503-BP Datasheet HTML 44Page - Cirrus Logic CS5503-BP Datasheet HTML 45Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 54 page
background image
41
Copyright
© Cirrus Logic, Inc. 1998
(All Rights Reserved)
Cirrus Logic, Inc.
Crystal Semiconductor Products Division
P.O. Box 17847, Austin, Texas 78760
(512) 445 7222 FAX: (512) 445 7581
http://www.crystal.com
CDB5501
CDB5503
CS5501/CS5503 Evaluation Board
Features
l Operation with on-board clock generator, on-
board crystal, or an off-board clock source.
l DIP switch selectable or micro port
controllable:
- Unipolar/Bipolar input range
- Sleep Mode-All Cal Modes
l On-board Decimation Counter
l Multiple Data Output Interface Options:
- RS-232 (CS5501)
- Parallel Port (CS5501)
- Micro Port (CS5501 & CS5503)
Description
The CDB5501/CDB5503 is an evaluation board de-
signed for maximum flexibility when evaluating the
CS5501/CS5503 A/D converters. The board can easily
be configured to evaluate all the features of the
CS5501/CS5503, including changes in master clock
rate, calibration modes, output decimation rates, and in-
terface modes.
The evaluation board interfaces with most microcontrol-
lers and allows full control of the features of the CS5501
or CS5503. DIP switch selectable control is also avail-
able in the event a microcontroller is not used. The
evaluation board also offers computer data interfaces in-
cluding RS-232 and parallel port outputs for evaluating
the CS5501.
All calibration modes are selectable including Self-Cal,
System Offset Cal, and System Offset and System Gain
Cal. A calibration can be initiated at any time by pressing
the CAL pushbutton switch.
ORDERING INFORMATION
CDB5501
Evaluation Board
CDB5503
Evaluation Board
I
CLKIN
AIN
Divider
OSC
VREF
Decimation
Counter
Parallel
Port
Micro
Port
RS-232
Port
GND
-5
+5
CS5501/
CS5503
MAR ‘95
DS31DB3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com