Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC08A Datasheet(PDF) 10 Page - Nexperia B.V. All rights reserved

Part # 74LVC08A
Description  Quad 2-input AND gate
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC08A Datasheet(HTML) 10 Page - Nexperia B.V. All rights reserved

Back Button 74LVC08A Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC08A Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC08A Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC08A Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC08A Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC08A Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC08A Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC08A Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LVC08A Datasheet HTML 12Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Nexperia
74LVC08A
Quad 2-input AND gate
12. Abbreviations
Table 9. Abbreviations
Acronym
Description
CDM
Charged Device Model
CMOS
Complementary Metal-Oxide Semiconductor
DUT
Device Under Test
ESD
ElectroStatic Discharge
HBM
Human Body Model
MM
Machine Model
TTL
Transistor-Transistor Logic
13. Revision history
Table 10. Revision history
Document ID
Release date Data sheet status
Change notice Supersedes
74LVC08A v.9
20210917
Product data sheet
-
74LVC08A v.8
Modifications:
• Type number 74LVC08ADB (SOT337-1/SSOP14) removed.
• Section 1 updated.
74LVC08A v.8
20200402
Product data sheet
-
74LVC08A v.7
Modifications:
• The format of this data sheet has been redesigned to comply with the identity
guidelines of Nexperia.
• Legal texts have been adapted to the new company name where appropriate.
• Table 4: Derating values for Ptot total power dissipation updated.
74LVC08A v.7
20160419
Product data sheet
74LVC08A v.6
Modifications:
• Table 2: Pin description for 1A to 4A inputs and 1Y to 4Y outputs swapped (errata).
74LVC08A v.6
20111216
Product data sheet
74LVC08A v.5
Modifications:
• The format of this document has been redesigned to comply with the new identity
guidelines of NXP Semiconductors.
• Legal texts have been adapted to the new company name where appropriate.
• Table 4, Table 5, Table 6, Table 7 and Table 8: values added for lower voltage ranges.
74LVC08A v.5
20030224
Product specification
-
74LVC08A v.4
74LVC08A v.4
20021030
Product specification
-
74LVC08A v.3
74LVC08A v.3
20020308
Product specification
-
74LVC08A v.2
74LVC08A v.2
19970630
Product specification
-
74LVC08A v.1
74LVC08A v.1
19970630
Product specification
-
-
74LVC08A
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 9 — 17 September 2021
10 / 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com