Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC125AD Datasheet(PDF) 13 Page - Nexperia B.V. All rights reserved

Part # 74LVC125AD
Description  Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC125AD Datasheet(HTML) 13 Page - Nexperia B.V. All rights reserved

Back Button 74LVC125AD Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC125AD Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC125AD Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC125AD Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC125AD Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC125AD Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC125AD Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LVC125AD Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LVC125AD Datasheet HTML 13Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Nexperia
74LVC125A
Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
Contents
1. General description......................................................1
2. Features and benefits.................................................. 1
3. Ordering information....................................................1
4. Functional diagram.......................................................2
5. Pinning information......................................................2
5.1. Pinning.........................................................................2
5.2. Pin description.............................................................2
6. Functional description................................................. 3
7. Limiting values............................................................. 3
8. Recommended operating conditions..........................3
9. Static characteristics....................................................4
10. Dynamic characteristics............................................ 5
10.1. Waveforms and test circuit........................................ 6
11. Package outline.......................................................... 8
12. Abbreviations............................................................11
13. Revision history........................................................11
14. Legal information......................................................12
© Nexperia B.V. 2021. All rights reserved
For more information, please visit: http://www.nexperia.com
For sales office addresses, please send an email to: salesaddresses@nexperia.com
Date of release: 17 September 2021
74LVC125A
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 9 — 17 September 2021
13 / 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com