Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC14A Datasheet(PDF) 13 Page - Nexperia B.V. All rights reserved

Part # 74LVC14A
Description  Hex inverting Schmitt trigger with 5 V tolerant input
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC14A Datasheet(HTML) 13 Page - Nexperia B.V. All rights reserved

Back Button 74LVC14A Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC14A Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC14A Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC14A Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LVC14A Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LVC14A Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74LVC14A Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74LVC14A Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74LVC14A Datasheet HTML 16Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Nexperia
74LVC14A
Hex inverting Schmitt trigger with 5 V tolerant input
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT8014-1
sot8014-1_po
20-09-18
20-09-22
Unit
mm
max
nom
min
0.48
0.45
0.42
0.23
0.18
0.13
2.0
1.00
0.95
0.90
0.4
0.35
0.30
0.25
0.2
A
0.05
0.02
0.00
A1
A3
Dimensions (mm are the original dimensions)
DHXQFN14: plastic, leadless dual in-line compatible thermal enhanced extreme thin quad flat package;
no leads; 14 terminals; 0.4 mm pitch; body 2 mm x 2 mm x 0.48 mm
SOT8014-1
b
D
D1
0.1
w
0.05
v
0.1
u
0.15
(typ)
k
e
E
2.0
E1
1.00
0.95
0.90
L
A
A1
A3
C
C
y1
C
detail X
seating
plane
A
B
y1
0.05
y
0.05
z
0.05
X
pin 1
index area
pin 1
index area
y
pin1
I.D.
2 mm
0
scale
1
C
2x
C
2x
E1
e
(10x)
D1
L
(14x)
13
9
2
6
1
14
7
8
A
C
B
w M
A
C
B
u M
C
v M
z
z
D
E
b
(14x)
Fig. 16. Package outline SOT8014-1 (DHXQFN14)
74LVC14A
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 9 — 20 September 2021
13 / 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com