Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G14 Datasheet(PDF) 6 Page - Nexperia B.V. All rights reserved

Part # 74LVC2G14
Description  Dual inverting Schmitt trigger with 5 V tolerant input
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC2G14 Datasheet(HTML) 6 Page - Nexperia B.V. All rights reserved

Back Button 74LVC2G14 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC2G14 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC2G14 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC2G14 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC2G14 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC2G14 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC2G14 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC2G14 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC2G14 Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Nexperia
74LVC2G14
Dual inverting Schmitt trigger with 5 V tolerant input
12. Transfer characteristics
Table 8. Transfer characteristics
Voltages are referenced to GND (ground = 0 V; for test circuit see Fig. 11
-40 °C to +85 °C
-40 °C to +125 °C
Symbol Parameter
Conditions
Min
Typ[1]
Max
Min
Max
Unit
see Fig. 7 and Fig. 8
VCC = 1.8 V
0.70
1.10
1.50
0.70
1.70
V
VCC = 2.3 V
1.00
1.40
1.80
1.00
2.00
V
VCC = 3.0 V; see Fig. 9
1.30
1.76
2.20
1.30
2.40
V
VCC = 4.5 V
1.90
2.47
3.10
1.90
3.30
V
VT+
positive-going
threshold voltage
VCC = 5.5 V
2.20
2.91
3.60
2.20
3.80
V
see Fig. 7 and Fig. 8
VCC = 1.8 V
0.25
0.61
0.90
0.25
1.10
V
VCC = 2.3 V
0.40
0.80
1.15
0.40
1.35
V
VCC = 3.0 V; see Fig. 9
0.60
1.04
1.50
0.60
1.70
V
VCC = 4.5 V
1.00
1.55
2.00
1.00
2.20
V
VT-
negative-going
threshold voltage
VCC = 5.5 V
1.20
1.86
2.30
1.20
2.50
V
(VT+ - VT-);
see Fig. 7 and Fig. 8
VCC = 1.8 V
0.15
0.49
1.00
0.15
1.20
V
VCC = 2.3 V
0.25
0.60
1.10
0.25
1.30
V
VCC = 3.0 V; see Fig. 9
0.40
0.73
1.20
0.40
1.40
V
VCC = 4.5 V
0.60
0.92
1.50
0.60
1.70
V
VH
hysteresis voltage
VCC = 5.5 V
0.70
1.02
1.70
0.70
1.90
V
[1] All typical values are measured at Tamb = 25 °C
12.1. Waveforms transfer characteristics
mna207
VO
VI
VH
VT+
VT-
Fig. 7. Transfer characteristic
mna208
VO
VI
VH
VT+
VT-
VT+ and VT- limits at 70 % and 20 %.
Fig. 8. Definition of VT+, VT- and VH
74LVC2G14
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
Rev. 13 — 24 January 2022
6 / 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com