Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G14GW Datasheet(PDF) 17 Page - Nexperia B.V. All rights reserved

Part # 74LVC2G14GW
Description  Dual inverting Schmitt trigger with 5 V tolerant input
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC2G14GW Datasheet(HTML) 17 Page - Nexperia B.V. All rights reserved

Back Button 74LVC2G14GW Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC2G14GW Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC2G14GW Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LVC2G14GW Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LVC2G14GW Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74LVC2G14GW Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74LVC2G14GW Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74LVC2G14GW Datasheet HTML 16Page - Nexperia B.V. All rights reserved 74LVC2G14GW Datasheet HTML 17Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
Nexperia
74LVC2G14
Dual inverting Schmitt trigger with 5 V tolerant input
Contents
1. General description......................................................1
2. Features and benefits.................................................. 1
3. Applications.................................................................. 1
4. Ordering information....................................................2
5. Marking..........................................................................2
6. Functional diagram.......................................................2
7. Pinning information......................................................3
7.1. Pinning.........................................................................3
7.2. Pin description.............................................................3
8. Functional description................................................. 3
9. Limiting values............................................................. 4
10. Recommended operating conditions........................4
11. Static characteristics..................................................4
12. Transfer characteristics............................................. 6
12.1. Waveforms transfer characteristics............................6
13. Dynamic characteristics............................................ 7
13.1. Waveforms and test circuit........................................ 8
14. Application information............................................. 9
15. Package outline........................................................ 10
16. Abbreviations............................................................15
17. Revision history........................................................15
18. Legal information......................................................16
© Nexperia B.V. 2022. All rights reserved
For more information, please visit: http://www.nexperia.com
For sales office addresses, please send an email to: salesaddresses@nexperia.com
Date of release: 24 January 2022
74LVC2G14
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
Rev. 13 — 24 January 2022
17 / 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com