Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G17 Datasheet(PDF) 15 Page - Nexperia B.V. All rights reserved

Part # 74LVC2G17
Description  Dual non-inverting Schmitt trigger with 5 V tolerant input
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC2G17 Datasheet(HTML) 15 Page - Nexperia B.V. All rights reserved

Back Button 74LVC2G17 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC2G17 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC2G17 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LVC2G17 Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LVC2G17 Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74LVC2G17 Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74LVC2G17 Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74LVC2G17 Datasheet HTML 16Page - Nexperia B.V. All rights reserved 74LVC2G17 Datasheet HTML 17Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
Nexperia
74LVC2G17
Dual non-inverting Schmitt trigger with 5 V tolerant input
15. Abbreviations
Table 12. Abbreviations
Acronym
Description
CMOS
Complementary Metal-Oxide Semiconductor
DUT
Device Under Test
ESD
ElectroStatic Discharge
HBM
Human Body Model
MM
Machine Model
TTL
Transistor-Transistor Logic
16. Revision history
Table 13. Revision history
Document ID
Release date Data sheet status
Change notice Supersedes
74LVC2G17 v.11
20220124
Product data sheet
-
74LVC2G17 v.10
Modifications:
• Package SOT363 (SC-88) changed to SOT363-2 (TSSOP6).
74LVC2G17 v.10
20210621
Product data sheet
-
74LVC2G17 v.9
Modifications:
• The format of this data sheet has been redesigned to comply with the identity
guidelines of Nexperia.
• Legal texts have been adapted to the new company name where appropriate.
• Type number 74LVC2G17GF (SOT891 / XSON6) removed.
• Section 1 and Section 2 updated.
• Section 9: Derating values for Ptot total power dissipation updated.
• Fig. 14: Package outline drawing SOT457 (SC-74; TSOP6) updated.
74LVC2G17 v.9
20161215
Product data sheet
-
74LVC2G17 v.8
Modifications:
• Table 7: The maximum limits for leakage current and supply current have changed.
74LVC2G17 v.8
20130502
Product data sheet
-
74LVC2G17 v.7
Modifications:
• Table 3: the description of pin 6 changed from data input to data output.
74LVC2G17 v.6
20110921
Product data sheet
-
74LVC2G17 v.5
74LVC2G17 v.5
20100806
Product data sheet
-
74LVC2G17 v.4
74LVC2G17 v.4
20061009
Product data sheet
-
74LVC2G17 v.3
74LVC2G17 v.3
20050926
Product data sheet
-
74LVC2G17 v.2
74LVC2G17 v.2
20040908
Product specification
-
74LVC2G17 v.1
74LVC2G17 v.1
20030813
Product specification
-
-
74LVC2G17
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
Rev. 11 — 24 January 2022
15 / 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com