Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G240DC Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # 74LVC2G240DC
Description  Dual inverting buffer/line driver; 3-state
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC2G240DC Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  74LVC2G240DC Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC2G240DC Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC2G240DC Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC2G240DC Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC2G240DC Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC2G240DC Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC2G240DC Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC2G240DC Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC2G240DC Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Nexperia
74LVC2G240
Dual inverting buffer/line driver; 3-state
6. Pinning information
6.1. Pinning
DP package
SOT505-2 (TSSOP8)
1OE
VCC
1A
2OE
2Y
1Y
GND
2A
aaa-036723
1
2
3
4
6
5
8
7
DC package
SOT765-1 (VSSOP8)
1OE
VCC
1A
2OE
2Y
1Y
GND
2A
aaa-036502
1
2
3
4
6
5
8
7
GT package
SOT833-1 (XSON8)
1Y
2OE
VCC
2A
2Y
1A
1OE
GND
aaa-036724
3
6
2
7
1
8
4
5
Transparent top view
1Y
2OE
VCC
2A
2Y
1A
1OE
GND
001aaf076
3
6
2
7
1
8
4
5
Transparent top view
GF package
SOT1089 (XSON8)
aaa-036725
GN package
SOT1116 (XSON8)
Transparent top view
1
8
1OE
VCC
2
7
1A
2OE
4
5
GND
2A
3
6
2Y
1Y
aaa-036726
GS package
SOT1203 (XSON8)
Transparent top view
1
8
1OE
VCC
2
7
1A
2OE
4
5
GND
2A
3
6
2Y
1Y
6.2. Pin description
Table 3. Pin description
Symbol
Pin
Description
1OE
1
output enable input 1OE (active LOW)
1A
2
data input
2Y
3
data output
GND
4
ground (0 V)
2A
5
data input
1Y
6
data output
2OE
7
output enable input 2OE (active LOW)
VCC
8
supply voltage
74LVC2G240
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2023. All rights reserved
Product data sheet
Rev. 12 — 1 June 2023
3 / 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com