Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK53761D Datasheet(PDF) 1 Page - STMicroelectronics

Part # MK53761D
Description  REPERTORY DIALER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MK53761D Datasheet(HTML) 1 Page - STMicroelectronics

  MK53761D Datasheet HTML 1Page - STMicroelectronics MK53761D Datasheet HTML 2Page - STMicroelectronics MK53761D Datasheet HTML 3Page - STMicroelectronics MK53761D Datasheet HTML 4Page - STMicroelectronics MK53761D Datasheet HTML 5Page - STMicroelectronics MK53761D Datasheet HTML 6Page - STMicroelectronics MK53761D Datasheet HTML 7Page - STMicroelectronics MK53761D Datasheet HTML 8Page - STMicroelectronics MK53761D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MK53761
July 1993
REPERTORY DIALER
.
SINGLE CHIP DTMF AND PULSE DIALER
.
SOFTSWITCH CHANGES SIGNALING MODE
FROM PULSE TO TONE
.
NINE NUMBER REPERTORY PLUS RECALL
OF LAST NUMBER DIALED (18 digits each)
.
FLASH KEY INPUT INITIATES TIMED HOOK
FLASH
.
8 TONE PER SECOND DIALING IN TONE
MODE AND 10 PPS IN PULSE MODE
.
DTMF ACTIVE UNTIL KEY RELEASE
.
MINIMUM DTMF DURATION/SEPARATION
GUARANTEED (74/54 ms)
.
PACIFIER TONE PROVIDES AUDIBLE INDI-
CATION OF VALID KEY INPUT FOR NON-
DTMF KEY ENTRIES
.
POWERED FROM TELEPHONE LINE, LOW
OPERATING VOLTAGE FOR LONG LOOP AP-
PLICATIONS
DESCRIPTION
The MK53761 is a Silicon Gate CMOS IC that pro-
vides necessary signals for either DTMF or loop dis-
connect (pulse) dialing. The MK53761 buffers up to
18 digits into memory that can be later redialed with
a single key input. Up to nine repertory numbers
may be stored. Users can store all 12 signaling keys
and access several unique functions with single key
entries. These functions include : Last Number Di-
aled (LND), Softswitch, and Flash. Figure 2 shows
the keypad configuration.
A LND key input automatically redials the last num-
ber dialed. The PROG key provides an easy way to
program a number into any memory location (1-9)
whether on-hook on off-hook. The MEM key allows
easy redialing of the number stored in memory lo-
cations (1-9).
The FLASH key simulates a 560 ms hook flash to
transfer calls or to activate other special features
provided by the PABX or a central office.
DIP18
SO20
Figure 1 : Pin Connections.
V+
MODE
C1
C2
C3
OSC1
V-
OSC2
C4
1
3
2
4
5
6
7
8
9
DTMF OUTPUT
PACIFIER TONE/
CHIP DISABLE
MUTE OUTPUT
R3
R4
R2
R1
HKS
PULSE OUTPUT
18
17
16
15
14
12
13
11
10
D93TL017
DIP18
ORDERING NUMBERS :
MK53761N00
MK53761D
V+
MODE
C1
C2
C3
OSC1
V-
OSC2
C4
DTMF OUTPUT
PACIFIER TONE/
CHIP DISABLE
MUTE OUTPUT
R3
R4
R2
R1
HKS
PULSE OUTPUT
1
3
2
4
5
6
7
8
9
18
17
16
15
14
12
13
11
19
10
20
N.C.
N.C.
D93TL018
SO20
1/11


Similar Part No. - MK53761D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MK53731 STMICROELECTRONICS-MK53731 Datasheet
525Kb / 8P
SINGLE NUMBER PULSE TONE SWITCHABLE DIALER
MK53732 STMICROELECTRONICS-MK53732 Datasheet
874Kb / 12P
TONE PULSE DIALER WITH LAST NUMBER AND SAVE FUNCTION
MK53732A STMICROELECTRONICS-MK53732A Datasheet
874Kb / 12P
TONE PULSE DIALER WITH LAST NUMBER AND SAVE FUNCTION
MK53732AD STMICROELECTRONICS-MK53732AD Datasheet
874Kb / 12P
TONE PULSE DIALER WITH LAST NUMBER AND SAVE FUNCTION
MK53732B STMICROELECTRONICS-MK53732B Datasheet
874Kb / 12P
TONE PULSE DIALER WITH LAST NUMBER AND SAVE FUNCTION
More results

Similar Description - MK53761D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145516 MOTOROLA-MC145516 Datasheet
40Kb / 1P
Tone/Pulse repertory dialler with flash
logo
NXP Semiconductors
PCD3330-1 PHILIPS-PCD3330-1 Datasheet
152Kb / 32P
Multistandard repertory dialler/ringer with EEPROM
1997 Jan 15
PCD3332-2 PHILIPS-PCD3332-2 Datasheet
154Kb / 32P
Multistandard pulse/tone repertory diallers/ringers
1997 Jan 13
logo
List of Unclassifed Man...
UM95080 ETC-UM95080 Datasheet
91Kb / 1P
ONE KEY DIALER TONE DIALER
NT95089 ETC-NT95089 Datasheet
309Kb / 11P
Tone Dialer
S2560G ETC1-S2560G Datasheet
129Kb / 2P
Pulse Dialer
logo
Integral Corp.
IL9151-3 INTEGRAL-IL9151-3 Datasheet
268Kb / 7P
PULSE DIALER
logo
OKI electronic componet...
MSM6052 OKI-MSM6052 Datasheet
851Kb / 21P
TONE/PULSE SWITCHABLE REPERTORY DIALER
logo
List of Unclassifed Man...
HM9187 ETC1-HM9187 Datasheet
76Kb / 1P
TONE DIALER
logo
Motorola, Inc
MC145412 MOTOROLA-MC145412 Datasheet
42Kb / 1P
PULSE/TONE REPERTORY DIALER LOW POWER SILICON-GATE CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com