Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G38GF Datasheet(PDF) 8 Page - Nexperia B.V. All rights reserved

Part # 74LVC2G38GF
Description  Dual 2-input NAND gate; open drain
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC2G38GF Datasheet(HTML) 8 Page - Nexperia B.V. All rights reserved

Back Button 74LVC2G38GF Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC2G38GF Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC2G38GF Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC2G38GF Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC2G38GF Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC2G38GF Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC2G38GF Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC2G38GF Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LVC2G38GF Datasheet HTML 12Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Nexperia
74LVC2G38
Dual 2-input NAND gate; open drain
11. Dynamic characteristics
Table 8. Dynamic characteristics
Voltages are referenced to GND (ground 0 V); for test circuit see Fig. 9.
-40 °C to +85 °C
-40 °C to +125 °C
Symbol Parameter
Conditions
Min
Typ [1]
Max
Min
Max
Unit
nA, nB to nY; see Fig. 8
VCC = 1.65 V to 1.95 V
1.2
3.0
8.6
1.2
10.8
ns
VCC = 2.3 V to 2.7 V
0.7
1.8
4.8
0.7
6.0
ns
VCC = 2.7 V
0.7
2.5
4.4
0.7
5.5
ns
VCC = 3.0 V to 3.6 V
0.7
2.1
4.1
0.7
5.2
ns
tPZL
OFF-state to LOW
propagation delay
VCC = 4.5 V to 5.5 V
0.5
1.5
3.3
0.5
4.2
ns
nA, nB to nY; see Fig. 8
VCC = 1.65 V to 1.95 V
1.2
3.0
8.6
1.2
10.8
ns
VCC = 2.3 V to 2.7 V
0.7
1.8
4.8
0.7
6.0
ns
VCC = 2.7 V
0.7
2.5
4.4
0.7
5.5
ns
VCC = 3.0 V to 3.6 V
0.7
2.1
4.1
0.7
5.2
ns
tPLZ
LOW to OFF-state
propagation delay
VCC = 4.5 V to 5.5 V
0.5
1.5
3.3
0.5
4.2
ns
CPD
power dissipation
capacitance
per gate; VI = GND to VCC [2]
-
5
-
-
-
pF
[1] Typical values are measured at nominal VCC and at Tamb = 25 °C.
[2] CPD is used to determine the dynamic power dissipation (PD in μW).
PD = CPD × VCC 2 × fi × N + ∑(CL × VCC 2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
∑(CL × VCC 2 × fo) = sum of outputs.
11.1. Waveforms and test circuit
mnb132
tPLZ
VX
nY output
nA, nB input
VI
VCC
VM
VOL
GND
tPZL
VM
Measurement points are given in Table 9
VOL is a typical output voltage level that occurs with the output load.
Fig. 8. Inputs nA and nB to output nY propagation delay times
74LVC2G38
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
Rev. 14 — 21 June 2022
8 / 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com