Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68340FE25 Datasheet(PDF) 79 Page - Freescale Semiconductor, Inc

Part # MC68340FE25
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340FE25 Datasheet(HTML) 79 Page - Freescale Semiconductor, Inc

Back Button MC68340FE25 Datasheet HTML 75Page - Freescale Semiconductor, Inc MC68340FE25 Datasheet HTML 76Page - Freescale Semiconductor, Inc MC68340FE25 Datasheet HTML 77Page - Freescale Semiconductor, Inc MC68340FE25 Datasheet HTML 78Page - Freescale Semiconductor, Inc MC68340FE25 Datasheet HTML 79Page - Freescale Semiconductor, Inc MC68340FE25 Datasheet HTML 80Page - Freescale Semiconductor, Inc MC68340FE25 Datasheet HTML 81Page - Freescale Semiconductor, Inc MC68340FE25 Datasheet HTML 82Page - Freescale Semiconductor, Inc MC68340FE25 Datasheet HTML 83Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 441 page
background image
3- 30
MC68340 USER’S MANUAL
MOTOROLA
data will be ignored if
AVEC is asserted before or at the same time as the DSACK
≈
signals. The vector number supplied in an autovector operation is derived from the
interrupt level of the current interrupt. When
AVEC is asserted instead of DSACK
≈ during
an interrupt acknowledge cycle, the MC68340 ignores the state of the data bus and
internally generates the vector number (the sum of the interrupt level plus 24 ($18)).
AVEC is multiplexed with CS0. The FIRQ bit in the SIM40 module configuration register
controls whether the
AVEC/CS0 pin is used as an autovector input or as CS0 (refer to
Section 4 System Integration Module for additional information).
AVEC is only sampled
during an interrupt acknowledge cycle. During all other cycles,
AVEC is ignored.
Additionally,
AVEC can be internally generated for external devices by programming the
autovector register. Seven distinct autovectors can be used, corresponding to the seven
levels of interrupt available with signals
IRQ7–IRQ1. Figure 3-16 shows the timing for an
autovector operation.
3.4.4.3 SPURIOUS INTERRUPT CYCLE. Requested interrupts, whether internal or
external, are arbitrated internally. When no internal module (including the SIM40, which
responds for external requests) responds during an interrupt acknowledge cycle by
arbitrating for the interrupt acknowledge cycle internally, the spurious interrupt monitor
generates an internal bus error signal to terminate the vector acquisition. The MC68340
automatically generates the spurious interrupt vector number (24) instead of the interrupt
vector number in this case. When an external device does not respond to an interrupt
acknowledge cycle with
AVEC or DSACK
≈, a bus monitor must assert BERR, which
results in the CPU32 taking the spurious interrupt vector. If
HALT is also asserted, the
MC68340 retries the interrupt acknowledge cycle instead of using the spurious interrupt
vector.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com