Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2T45GT Datasheet(PDF) 14 Page - Nexperia B.V. All rights reserved

Part # 74LVC2T45GT
Description  Dual supply translating transceiver; 3-state
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC2T45GT Datasheet(HTML) 14 Page - Nexperia B.V. All rights reserved

Back Button 74LVC2T45GT Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC2T45GT Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LVC2T45GT Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LVC2T45GT Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74LVC2T45GT Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74LVC2T45GT Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74LVC2T45GT Datasheet HTML 16Page - Nexperia B.V. All rights reserved 74LVC2T45GT Datasheet HTML 17Page - Nexperia B.V. All rights reserved 74LVC2T45GT Datasheet HTML 18Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
Nexperia
74LVC2T45; 74LVCH2T45
Dual supply translating transceiver; 3-state
VCC(B)
1.5 V ± 0.1 V 1.8 V ± 0.15 V 2.5 V ± 0.2 V 3.3 V ± 0.3 V 5.0 V ± 0.5 V
Symbol Parameter
Conditions
Min Max
Min
Max
Min Max Min Max Min Max
Unit
VCC(A) = 4.5 V to 5.5 V
A to B
1.9
18.3
1.7
16.7
0.9
8.3
0.6
6.0
0.4
4.3 ns
tPLH
LOW to HIGH
propagation delay
B to A
1.4
11.6
1.2
7.5
0.9
5.3
0.6
4.9
0.4
4.3 ns
A to B
2.0
16.9
1.6
13.5
0.9
6.9
0.6
5.0
0.4
3.9 ns
tPHL
HIGH to LOW
propagation delay
B to A
1.5
11.9
1.5
7.7
0.8
5.1
0.6
4.4
0.4
3.9 ns
DIR to A
1.5
6.0
1.5
6.0
1.5
6.0
1.5
6.0
1.5
6.0 ns
tPHZ
HIGH to OFF-state
propagation delay
DIR to B
2.6
19.1
2.6
17.8
2.0
10.7
2.4
8.8
2.2
6.3 ns
DIR to A
1.2
4.1
1.2
4.1
1.1
4.1
0.9
4.1
0.8
4.1 ns
tPLZ
LOW to OFF-state
propagation delay
DIR to B
2.0
14.5
2.1
13.4
1.7
8.2
2.0
7.7
1.6
5.0 ns
DIR to A [1]
-
26.1
-
20.9
-
13.5
-
12.6
-
9.3 ns
tPZH
OFF-state to HIGH
propagation delay
DIR to B [1]
-
22.4
-
20.8
-
12.4
-
10.1
-
8.4 ns
DIR to A [1]
-
31.0
-
25.5
-
15.8
-
13.2
-
10.2 ns
tPZL
OFF-state to LOW
propagation delay
DIR to B [1]
-
22.9
-
19.5
-
12.9
-
11.0
-
9.9 ns
[1] tPZH and tPZL are calculated values using the formula shown in Section 13.4.
74LVC_LVCH2T45
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2023. All rights reserved
Product data sheet
Rev. 12 — 1 March 2023
14 / 33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com