Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC3G17DP Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # 74LVC3G17DP
Description  Triple non-inverting Schmitt trigger with 5 V tolerant input
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC3G17DP Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  74LVC3G17DP Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC3G17DP Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC3G17DP Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC3G17DP Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC3G17DP Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC3G17DP Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC3G17DP Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC3G17DP Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC3G17DP Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Nexperia
74LVC3G17
Triple non-inverting Schmitt trigger with 5 V tolerant input
4. Ordering information
Table 1. Ordering information
Package
Type number
Temperature range Name
Description
Version
74LVC3G17DP
-40 °C to +125 °C
TSSOP8 plastic thin shrink small outline package; 8 leads;
body width 3 mm; lead length 0.5 mm
SOT505-2
74LVC3G17DC
-40 °C to +125 °C
VSSOP8 plastic very thin shrink small outline package; 8 leads;
body width 2.3 mm
SOT765-1
74LVC3G17GT
-40 °C to +125 °C
XSON8
plastic extremely thin small outline package; no leads;
8 terminals; body 1 × 1.95 × 0.5 mm
SOT833-1
74LVC3G17GF
-40 °C to +125 °C
XSON8
extremely thin small outline package; no leads;
8 terminals; body 1.35 × 1 × 0.5 mm
SOT1089
74LVC3G17GN -40 °C to +125 °C
XSON8
extremely thin small outline package; no leads;
8 terminals; body 1.2 × 1.0 × 0.35 mm
SOT1116
74LVC3G17GS
-40 °C to +125 °C
XSON8
extremely thin small outline package; no leads;
8 terminals; body 1.35 × 1.0 × 0.35 mm
SOT1203
5. Marking
Table 2. Marking codes
Type number
Marking code [1]
74LVC3G17DP
V17
74LVC3G17DC
V17
74LVC3G17GT
V17
74LVC3G17GF
VV
74LVC3G17GN
VV
74LVC3G17GS
VV
[1] The pin 1 indicator is located on the lower left corner of the device, below the marking code.
6. Functional diagram
001aah860
1Y
3A
2Y
1A
3Y
2A
Fig. 1. Logic symbol
001aah861
Fig. 2. IEC logic symbol
001aab109
A
Y
Fig. 3. Logic diagram (one gate)
74LVC3G17
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 14 — 26 August 2021
2 / 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com