Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC86AD Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # 74LVC86AD
Description  Quad 2-input EXCLUSIVE-OR gate
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC86AD Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  74LVC86AD Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC86AD Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC86AD Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC86AD Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC86AD Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC86AD Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC86AD Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC86AD Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC86AD Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Nexperia
74LVC86A
Quad 2-input EXCLUSIVE-OR gate
-40 °C to +85 °C
-40 °C to +125 °C
Symbol Parameter
Conditions
Min
Typ [1]
Max
Min
Max
Unit
II
input leakage
current
VCC = 3.6 V; VI = 5.5 V or GND
-
±0.1
±5
-
±20
μA
ICC
supply current VCC = 3.6 V; VI = VCC or GND;
IO = 0 A
-
0.1
10
-
40
μA
ΔICC
additional
supply current
per input pin;
VCC = 2.7 V to 3.6 V;
VI = VCC - 0.6 V; IO = 0 A
-
5
500
-
5000
μA
CI
input
capacitance
VCC = 0 V to 3.6 V;
VI = GND to VCC
-
5.0
-
-
-
pF
[1] All typical values are measured at VCC = 3.3 V (unless stated otherwise) and Tamb = 25 °C.
10. Dynamic characteristics
Table 7. Dynamic characteristics
Voltages are referenced to GND (ground = 0 V). For test circuit see Fig. 8.
-40 °C to +85 °C
-40 °C to +125 °C
Symbol Parameter
Conditions
Min
Typ [1] Max
Min
Max
Unit
nA, nB to nY; see Fig. 7
[2]
VCC = 1.2 V
-
11.0
-
-
-
ns
VCC = 1.65 V to 1.95 V
0.5
4.1
9.8
0.5
11.4
ns
VCC = 2.3 V to 2.7 V
1.0
2.4
5.6
1.0
6.5
ns
VCC = 2.7 V
1.0
2.5
5.8
1.0
7.0
ns
tpd
propagation delay
VCC = 3.0 V to 3.6 V
1.0
2.2
5.0
1.0
6.0
ns
tsk(o)
output skew time
VCC = 3.0 V to 3.6 V
[3]
-
-
1.0
-
1.5
ns
per gate; VI = GND to VCC
[4]
VCC = 1.65 V to 1.95 V
-
12.5
-
-
-
pF
VCC = 2.3 V to 2.7 V
-
16.3
-
-
-
pF
CPD
power dissipation
capacitance
VCC = 3.0 V to 3.6 V
-
19.7
-
-
-
pF
[1] Typical values are measured at Tamb = 25 °C and VCC = 1.2 V, 1.8 V, 2.5 V, 2.7 V, and 3.3 V respectively.
[2] tpd is the same as tPLH and tPHL.
[3] Skew between any two outputs of the same package switching in the same direction. This parameter is guaranteed by design.
[4] CPD is used to determine the dynamic power dissipation (PD in μW).
PD = CPD × VCC 2 × fi × N + Σ(CL × VCC 2 × fo) where:
fi = input frequency in MHz; fo = output frequency in MHz
CL = output load capacitance in pF
VCC = supply voltage in Volts
N = number of inputs switching
Σ(CL × VCC 2 × fo) = sum of the outputs
74LVC86A
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 6 — 19 August 2021
5 / 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com