Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2107ACPZ-3.3-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADP2107ACPZ-3.3-R7
Description  1 Amp/1.5 Amp/2 Amp Synchronous, Step-Down DC-to-DC Converters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2107ACPZ-3.3-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADP2107ACPZ-3.3-R7 Datasheet HTML 16Page - Analog Devices ADP2107ACPZ-3.3-R7 Datasheet HTML 17Page - Analog Devices ADP2107ACPZ-3.3-R7 Datasheet HTML 18Page - Analog Devices ADP2107ACPZ-3.3-R7 Datasheet HTML 19Page - Analog Devices ADP2107ACPZ-3.3-R7 Datasheet HTML 20Page - Analog Devices ADP2107ACPZ-3.3-R7 Datasheet HTML 21Page - Analog Devices ADP2107ACPZ-3.3-R7 Datasheet HTML 22Page - Analog Devices ADP2107ACPZ-3.3-R7 Datasheet HTML 23Page - Analog Devices ADP2107ACPZ-3.3-R7 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
ADP2105/ADP2106/ADP2107
Rev. 0 | Page 20 of 32
LOAD TRANSIENT RESPONSE
CH2 50mV~
CH3 1A
CH1 2V
M 10µs
A CH3
0.5A
1
3
2
LX NODE (SWITCH NODE)
OUTPUT VOLTAGE (AC-COUPLED)
OUTPUT CURRENT
OUTPUT CAPACITOR: 22µF + 22µF + 4.7µF
INDUCTOR: SD14, 2.5µH
COMPENSATION RESISTOR: 270kΩ
COMPENSATION CAPACITOR: 39pF
CH2 LOW
–51mV
Figure 45. 1 A Load Transient Response for ADP2105-1.2
with External Components Chosen for 5% Overshoot
CH2 100mV~
CH3 1A
CH1 2V
M 10µs
A CH3
0.5A
1
3
2
LX NODE (SWITCH NODE)
OUTPUT VOLTAGE (AC-COUPLED)
OUTPUT CURRENT
OUTPUT CAPACITOR: 22µF + 22µF
INDUCTOR: SD3814, 3.3µH
COMPENSATION RESISTOR: 270kΩ
COMPENSATION CAPACITOR: 39pF
CH2 LOW
–112mV
Figure 46. 1 A Load Transient Response for ADP2105-1.8
with External Components Chosen for 5% Overshoot
CH2 100mV~
CH3 1A
CH1 2V
M 10µs
A CH3
0.5A
1
3
2
LX NODE (SWITCH NODE)
OUTPUT VOLTAGE (AC-COUPLED)
OUTPUT CURRENT
OUTPUT CAPACITOR: 22µF + 4.7µF
INDUCTOR: CDRH5D18, 4.1µH
COMPENSATION RESISTOR: 270kΩ
COMPENSATION CAPACITOR: 39pF
CH2 LOW
–178mV
Figure 47. 1 A Load Transient Response for ADP2105-3.3
with External Components Chosen for 5% Overshoot
CH2 50mV~
CH3 1A
CH1 2V
M 10µs
A CH3
0.5A
1
3
2
LX NODE (SWITCH NODE)
OUTPUT VOLTAGE (AC-COUPLED)
OUTPUT CURRENT
OUTPUT CAPACITOR: 22µF + 4.7µF
INDUCTOR: SD14, 2.5µH
COMPENSATION RESISTOR: 135kΩ
COMPENSATION CAPACITOR: 82pF
CH2 LOW
–93mV
Figure 48. 1 A Load Transient Response for ADP2105-1.2
with External Components Chosen for 10% Overshoot
CH2 100mV~
CH3 1A
CH1 2V
M 10µs
A CH3
0.5A
1
3
2
LX NODE (SWITCH NODE)
OUTPUT VOLTAGE (AC-COUPLED)
OUTPUT CURRENT
OUTPUT CAPACITOR: 10µF + 10µF
INDUCTOR: SD3814, 3.3µH
COMPENSATION RESISTOR: 135kΩ
COMPENSATION CAPACITOR: 82pF
CH2 LOW
–164mV
Figure 49. 1 A Load Transient Response for ADP2105-1.8
with External Components Chosen for 10% Overshoot
CH2 200mV~
CH3 1A
CH1 2V
M 10µs
A CH3
0.5A
1
3
2
LX NODE (SWITCH NODE)
OUTPUT VOLTAGE (AC-COUPLED)
OUTPUT CURRENT
OUTPUT CAPACITOR: 10µF + 4.7µF
INDUCTOR: CDRH5D18, 4.1µH
COMPENSATION RESISTOR: 135kΩ
COMPENSATION CAPACITOR: 82pF
CH2 LOW
–308mV
Figure 50. 1 A Load Transient Response for ADP2105-3.3
with External Components Chosen for 10% Overshoot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com