Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2080-MEMBAK-RTC Datasheet(PDF) 1 Page - NHP Electrical Engineering Products

Part # 2080-MEMBAK-RTC
Description  M830/M850 PLUG-IN RECIPE BACKUP AND HIGH ACCURACY RTC
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NHP [NHP Electrical Engineering Products]
Direct Link  https://www.nhp.com.au/
Logo NHP - NHP Electrical Engineering Products

2080-MEMBAK-RTC Datasheet(HTML) 1 Page - NHP Electrical Engineering Products

  2080-MEMBAK-RTC Datasheet HTML 1Page - NHP Electrical Engineering Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Automation Systems > Micro Programmable Controllers and Smart Relays > Micro PLCs > Allen-Bradley® Micro820®,
Micro830®, Micro850® and Micro870® Controllers > Micro800® Plug-in Modules > Micro800® Speciality Plug-In
Modules
M830/M850 PLUG-IN RECIPE BACKUP AND HIGH ACCURACY RTC
2080-MEMBAK-RTC
Catalogue No:
·
Available for additional I/O, communications, backup
memory and speciality capabilities
·
Snaps easily into controller without expanding the
footprint
·
Operates in -20 to 65 degrees celcius temperatures
Representative Photo Only
(actual product may vary based on configuration selections)
Micro800 Plug-In Module, Program Data and Recipe Storage, High
Accuracy Real Time Clock
SPECIFICATIONS
Product Series
Component Type PLC & I/O
Module Specific Functions
Operating Temperature, Max
Operating Temperature, Min
Storage Temperature, Max
Storage Temperature, Min
Relative Humidity, Max
Humidity Type
Shock Acceleration (Max.)
Vibration Acceleration (Max.)
Vibration Frequency, Operational (Max.)
Vibration Rating
Micro800 (Bul. 2080)
Specialty Module
Memory Backup and High Accuracy RTC Plug-In Module
65 °C max
-20 °C min
85 °C max
-40 °C min
95 %RH
Non-condensing
25 g
2 m/s²
500 Hz
IEC 60068-2-6
REFERENCES
Installation Guide:
-
User Manual:
-
Manufacturer Datasheet:
-
Manufacturer Catalogue
& Product Selection:
-
Supplier Declaration of
Conformity:
-
IECEx Certificate
-
Page 1 of 1
6 June 2023,
1300 NHP NHP | nhp.com.au
|
0800 NHP NHP | nhp-nz.com
2080MEMBAKRTC Datasheet
NHP Electrical Engineering Products


Similar Part No. - 2080-MEMBAK-RTC

ManufacturerPart #DatasheetDescription
logo
NHP Electrical Engineer...
2080-MOT-HSC NHP-2080-MOT-HSC Datasheet
671Kb / 2P
M820/M830/M850 PLUG-IN HSC 4 INPUTS W/LINE DRIVER 250KHz
6 June 2023,
More results

Similar Description - 2080-MEMBAK-RTC

ManufacturerPart #DatasheetDescription
logo
NHP Electrical Engineer...
2080-IF2 NHP-2080-IF2 Datasheet
715Kb / 2P
M820/M830/M850 PLUG-IN 2AI 0-20mA/0-10VDC
6 June 2023,
2080-IF4 NHP-2080-IF4 Datasheet
713Kb / 2P
M820/M830/M850 PLUG-IN 4AI 0-20mA/0-10VDC
6 June 2023,
2080-IQ4 NHP-2080-IQ4 Datasheet
672Kb / 1P
M820/M830/M850 PLUG-IN 24VDC 4DI SINK/SOURCE
6 June 2023,
2080-IQ4OB4 NHP-2080-IQ4OB4 Datasheet
607Kb / 2P
M820/M830/M850 PLUG-IN 24VDC 4DI SINK/SOURCE 4DO-SOURCE
6 June 2023,
2080-MOT-HSC NHP-2080-MOT-HSC Datasheet
671Kb / 2P
M820/M830/M850 PLUG-IN HSC 4 INPUTS W/LINE DRIVER 250KHz
6 June 2023,
2080-OB4 NHP-2080-OB4 Datasheet
676Kb / 1P
M820/M830/M850 PLUG-IN 4DO SOURCE
6 June 2023,
2080-OF2 NHP-2080-OF2 Datasheet
685Kb / 2P
M820/M830/M850 PLUG-IN 2AO 0-20mA/0-10VDC
6 June 2023,
2080-OW4I NHP-2080-OW4I Datasheet
657Kb / 1P
M820/M830/M850 PLUG-IN 4DO RELAY
6 June 2023,
2080-RTD2 NHP-2080-RTD2 Datasheet
686Kb / 2P
M820/M830/M850 RTD PLUG-IN 2CH IN NON-ISOLATED
6 June 2023,
2080SC-NTC NHP-2080SC-NTC Datasheet
496Kb / 1P
SC M820/M830/M850 PLUG-IN THERMISTOR 4CH IN
8 July 2023,
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com