Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR366 Datasheet(PDF) 14 Page - Analog Devices

Part # ADR366
Description  Low Power, Low Noise Voltage References with Sink/Source Capability
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR366 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADR366 Datasheet HTML 10Page - Analog Devices ADR366 Datasheet HTML 11Page - Analog Devices ADR366 Datasheet HTML 12Page - Analog Devices ADR366 Datasheet HTML 13Page - Analog Devices ADR366 Datasheet HTML 14Page - Analog Devices ADR366 Datasheet HTML 15Page - Analog Devices ADR366 Datasheet HTML 16Page - Analog Devices ADR366 Datasheet HTML 17Page - Analog Devices ADR366 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
ADR360/ADR361/ADR363/ADR364/ADR365/ADR366
Rev. A | Page 14 of 20
XX
XX
100
μV/DIV
TIME = 1s/DIV
Figure 20. ADR365 10 Hz to 10 kHz Noise
50
0
100
100k
FREQUENCY (Hz)
45
40
35
30
25
20
15
10
5
1k
10k
Figure 21. Output Impedance vs. Frequency
10
–90
1M
FREQUENCY (Hz)
0
–10
–20
–30
–40
–50
–60
–70
–80
100
1k
10k
100k
Figure 22. Ripple Rejection Ratio
XX
XX
VOUT
VIN
500mV/DIV
500mV/DIV
4
μs/DIV
Figure 23. ADR361 Line Transient Response (Increasing), No Capacitors
XX
XX
VOUT
VIN
500mV/DIV
500mV/DIV
10
μs/DIV
Figure 24. ADR361 Line Transient Response (Decreasing), No Capacitors
XX
XX
VOUT
VIN
20mV/DIV
500mV/DIV
100
μs/DIV
Figure 25. ADR361 Line Transient Response, 0.1 μF Input Capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com