Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR127AUJZ-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # ADR127AUJZ-R2
Description  Precision, Micropower LDO Voltage References in TSOT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR127AUJZ-R2 Datasheet(HTML) 1 Page - Analog Devices

  ADR127AUJZ-R2 Datasheet HTML 1Page - Analog Devices ADR127AUJZ-R2 Datasheet HTML 2Page - Analog Devices ADR127AUJZ-R2 Datasheet HTML 3Page - Analog Devices ADR127AUJZ-R2 Datasheet HTML 4Page - Analog Devices ADR127AUJZ-R2 Datasheet HTML 5Page - Analog Devices ADR127AUJZ-R2 Datasheet HTML 6Page - Analog Devices ADR127AUJZ-R2 Datasheet HTML 7Page - Analog Devices ADR127AUJZ-R2 Datasheet HTML 8Page - Analog Devices ADR127AUJZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Precision, Micropower LDO Voltage
References in TSOT
ADR121/ADR125/ADR127
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
Initial accuracy
A grade: ±0.24%
B grade: ±0.12%
Maximum tempco
A grade: 25 ppm/°C
B grade: 9 ppm/°C
Low dropout: 300 mV for ADR121, ADR125
High output current: +5 mA/−2 mA
Low typical operating current: 85 μA
Input range: 2.7 V to 18 V
Temperature range: −40°C to +125°C
Tiny TSOT (UJ-6) package
APPLICATIONS
Battery-powered instrumentation
Portable medical equipment
Data acquisition systems
Automotive
PIN CONFIGURATION
NC1 1
GND 2
VIN 3
NC1
6
VOUT
4
NC1
1 MUST BE LEFT FLOATING
5
NC = NO CONNECT
ADR12x
TOP VIEW
(Not to Scale)
Figure 1.
GENERAL DESCRIPTION
The ADR121/ADR125/ADR127 are a family of micropower,
high precision, series mode, band gap references with sink and
source capability. The parts feature high accuracy and low
power consumption in a tiny package. The ADR12x design
includes a patented temperature drift curvature correction
technique that minimizes the nonlinearities in the output
voltage vs. temperature characteristics.
The ADR12x is a low dropout voltage reference, requiring only
300 mV for ADR121/ADR125 and 1.45 V for ADR127 above
the nominal output voltage on the input to provide a stable
output voltage. This low dropout performance coupled with the
low 85 μA operating current makes the ADR12x ideal for
battery-powered applications.
Available in an extended industrial temperature range of −40°C
to +125°C, the ADR12x is housed in the tiny TSOT (UJ-6)
package.


Similar Part No. - ADR127AUJZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR127AUJZ-R21 AD-ADR127AUJZ-R21 Datasheet
604Kb / 20P
Precision, Micropower LDO Voltage References in TSOT
REV. B
More results

Similar Description - ADR127AUJZ-R2

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
LM4040 ZETEX-LM4040_07 Datasheet
110Kb / 6P
Precision micropower shunt voltage references
LM4040 ZETEX-LM4040_08 Datasheet
951Kb / 12P
Precision micropower shunt voltage references
logo
Diodes Incorporated
LM4040 DIODES-LM4040 Datasheet
452Kb / 10P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
Rev 5
logo
Analog Devices
ADR127BUJZ AD-ADR127BUJZ Datasheet
604Kb / 20P
Precision, Micropower LDO Voltage References in TSOT
REV. B
logo
Diodes Incorporated
LM4041DH5TA DIODES-LM4041DH5TA Datasheet
177Kb / 7P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
Rev 8
ZXRE330 DIODES-ZXRE330 Datasheet
522Kb / 8P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
Rev 2
logo
Analog Devices
ADR121 AD-ADR121_15 Datasheet
604Kb / 20P
Precision, Micropower LDO Voltage References in TSOT
REV. B
ADR125 AD-ADR125_15 Datasheet
604Kb / 20P
Precision, Micropower LDO Voltage References in TSOT
REV. B
ADR127 AD-ADR127_15 Datasheet
604Kb / 20P
Precision, Micropower LDO Voltage References in TSOT
REV. B
logo
Diodes Incorporated
LM4040 DIODES-LM4040_17 Datasheet
494Kb / 12P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
Rev 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com