Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7408CCPZ-R2 Datasheet(PDF) 22 Page - Analog Devices

Part # ADT7408CCPZ-R2
Description  -2 C Accurate, 12-Bit Digital Temperature Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7408CCPZ-R2 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADT7408CCPZ-R2 Datasheet HTML 16Page - Analog Devices ADT7408CCPZ-R2 Datasheet HTML 17Page - Analog Devices ADT7408CCPZ-R2 Datasheet HTML 18Page - Analog Devices ADT7408CCPZ-R2 Datasheet HTML 19Page - Analog Devices ADT7408CCPZ-R2 Datasheet HTML 20Page - Analog Devices ADT7408CCPZ-R2 Datasheet HTML 21Page - Analog Devices ADT7408CCPZ-R2 Datasheet HTML 22Page - Analog Devices ADT7408CCPZ-R2 Datasheet HTML 23Page - Analog Devices ADT7408CCPZ-R2 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
ADT7408
Rev. 0 | Page 22 of 24
OUTLINE DIMENSIONS
1
0.50
BSC
0.60 MAX
PIN 1
INDICATOR
1.50
REF
0.50
0.40
0.30
2.75
BSC SQ
TOP
VIEW
12° MAX
0.70 MAX
0.65TYP
SEATING
PLANE
PIN 1
INDICATOR
0.90 MAX
0.85 NOM
0.30
0.23
0.18
0.05 MAX
0.01 NOM
0.20 REF
1.89
1.74
1.59
4
1.60
1.45
1.30
3.00
BSC SQ
5
8
Figure 20. 8-Lead Frame Chip Scale Package [LFCSP_VD]
3 mm x 3 mm Body, Very Thin, Dual Lead
(CP-8-2)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature
Range
Temperature
Accuracy1
Package
Description
Package
Option
Ordering
Quantity
Branding
ADT7408CCPZ-R22
−20°C to +125°C
±2°C
8-Lead LFCSP_VD
CP-8-2
250
T1M
ADT7408CCPZ-REEL2
−20°C to +125°C
±2°C
8-Lead LFCSP_VD
CP-8-2
5000
T1M
ADT7408CCPZ-REEL72
−20°C to +125°C
±2°C
8-Lead LFCSP_VD
CP-8-2
1500
T1M
1 Temperature accuracy is over the +75°C to +95°C temperature range.
2 Z = Pb-free part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com