Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATR0630 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # ATR0630
Description  ANTARIS4 Single-chip GPS Receiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0630 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button ATR0630 Datasheet HTML 9Page - ATMEL Corporation ATR0630 Datasheet HTML 10Page - ATMEL Corporation ATR0630 Datasheet HTML 11Page - ATMEL Corporation ATR0630 Datasheet HTML 12Page - ATMEL Corporation ATR0630 Datasheet HTML 13Page - ATMEL Corporation ATR0630 Datasheet HTML 14Page - ATMEL Corporation ATR0630 Datasheet HTML 15Page - ATMEL Corporation ATR0630 Datasheet HTML 16Page - ATMEL Corporation ATR0630 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
13
4920B–GPS–06/06
ATR0630 [Preliminary]
3.3.2
Sensitivity Settings
For all GPS receivers the sensitivity depends on the integration time of the GPS signals. There-
fore there is a trade-off between sensitivity and the time to detect the GPS signal (Time to first
fix). The three modes, “Fast Acquisition”, “Normal” and “High Sensitivity”, have a fixed integra-
tion time. The “Normal” mode, recommended for the most applications, is a trade off between
the sensitivity and TTFF. The “Fast Acquisition” mode is optimized for fast acquisition, at the
cost of a lower sensitivity. The “High Sensitivity” mode is optimized for higher sensitivity, at the
cost of longer TTFF. The “Auto” mode adjusts the integration time (sensitivity) automatically
according to the measured signal levels. That means the receiver with this setting has a fast
TTFF at strong signals, a high sensitivity to acquire weak signals but some times at medium sig-
nal level a higher TTFF as the “Normal” mode. These sensitivity settings affect only the startup
performance not the tracking performance.
3.4
Serial I/O Configuration
The ATR0630 features a two-stage I/O-message and protocol-selection procedure for the two
available serial ports. At the first stage, a certain protocol can be enabled or disabled for a given
USART port or the USB port. Selectable protocols are RTCM, NMEA and UBX. At the second
stage, messages can be enabled or disabled for each enabled protocol on each port. In all con-
figurations described below, all protocols are enabled on all ports, but output messages are
enabled in a way that ports appear to communicate at only one protocol. However, each port will
accept any input message in any of the three implemented protocols.
Table 3-5.
GPS Sensitivity Settings
GPSMODE3
(Fixed PU)
GPSMODE2
(Reset = PU) Description
0(1)
0
Auto mode
0(1)
1(2)
Fast mode
1(2)
0
Normal mode (Default ROM value)
1(2)
1(2)
High sensitivity
Notes:
1. Increased back-up current
2. Leave open
Table 3-6.
Serial I/O Configuration
GPSMODE12
(Reset = PU)
GPSMODE6
(Reset = PU)
GPSMODE5
(Reset = PD)
USART1/USB
(Output Protocol/
Baud Rate (kBaud))
USART2
(Output Protocol/
Baud Rate (kBaud)) Messages(1) Information Messages
00
0(2)
UBX/57.6
NMEA/19.2
High
User, Notice, Warning, Error
0
0
1
UBX/38.4
NMEA/9.6
Medium
User, Notice, Warning, Error
01(2)
0(2)
UBX/19.2
NMEA/4.8
Low
User, Notice, Warning, Error
01(2)
1
–/Auto
–/Auto
Off
None
1(2)
00(2)
NMEA/19.2
UBX/57.6
High
User, Notice, Warning, Error
1(2)
0
1
NMEA/4.8
UBX/19.2
Low
User, Notice, Warning, Error
1(2)
1(2)
0(2)
NMEA/9.6
UBX/38.4
Medium
User, Notice, Warning, Error
1(2)
1(2)
1
UBX/115.2
NMEA/19.2
Debug
All
Notes:
1. See Table 3-7 to Table 3-10 on page 14, the messages are described in the ANTARIS4 protocol specification
2. Leave open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com