Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR443ARMZ Datasheet(PDF) 15 Page - Analog Devices

Part # ADR443ARMZ
Description  Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR443ARMZ Datasheet(HTML) 15 Page - Analog Devices

Back Button ADR443ARMZ Datasheet HTML 11Page - Analog Devices ADR443ARMZ Datasheet HTML 12Page - Analog Devices ADR443ARMZ Datasheet HTML 13Page - Analog Devices ADR443ARMZ Datasheet HTML 14Page - Analog Devices ADR443ARMZ Datasheet HTML 15Page - Analog Devices ADR443ARMZ Datasheet HTML 16Page - Analog Devices ADR443ARMZ Datasheet HTML 17Page - Analog Devices ADR443ARMZ Datasheet HTML 18Page - Analog Devices ADR443ARMZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
ADR440/ADR441/ADR443/ADR444/ADR445
Rev. A | Page 15 of 20
APPLICATIONS
OUTPUT ADJUSTMENT
The ADR44x family features a TRIM pin that allows the user to
adjust the output voltage of the part over a limited range. This
allows errors from the reference and overall system errors to be
trimmed out by connecting a potentiometer between the output
and the ground, with the wiper connected to the TRIM pin.
Figure 35 shows the optimal trim configuration. R1 allows fine
adjustment of the output and is not always required. RP should
be sufficiently large so that the maximum output current from
the ADR44x is not exceeded.
TRIM
VIN
VO = ±0.5%
0.1µF
0.1µF
GND
R2
1kΩ
RP
10kΩ
VOUT 6
2
5
4
R1
100kΩ
ADR440/
ADR441/
ADR443/
ADR444/
ADR445
Figure 35. ADR44x Trim Function
Using the trim function has a negligible effect on the temperature
performance of the ADR44x. However, all resistors need to be
low temperature coefficient resistors, or errors can occur.
BIPOLAR OUTPUTS
By connecting the output of the ADR44x to the inverting
terminal of an operational amplifier, it is possible to obtain both
positive and negative reference voltages. Care must be taken
when choosing Resistor R1 and Resistor R2 (see Figure 36).
They must be matched as closely as possible to ensure minimal
differences between the negative and positive outputs. In
addition, care must be taken to ensure performance over
temperature. Use low temperature coefficient resistors if the
circuit is used over temperature; otherwise, differences exist
between the two outputs.
ADR440/
ADR441/
ADR443/
ADR444/
ADR445
6
2
4
VIN
VOUT
GND
R1
10kΩ
R2
10kΩ
R3
5kΩ
–10V
+10V
–5V
+5V
0.1µF
0.1µF
+VDD
Figure 36. ADR44x Bipolar Outputs
NEGATIVE REFERENCE
Figure 37 shows how to connect the ADR44x and a standard
operational amplifier, such as the OP1177, to provide negative
voltage. This configuration provides two main advantages. First,
it only requires two devices; therefore, it does not require
excessive board space. Second, and more importantly, it does
not require any external resistors. This means the performance
of this circuit does not rely on choosing low temperature
coefficient resistors to ensure accuracy.
ADR440/
ADR441/
ADR443/
ADR444/
ADR445
+VDD
–VREF
GND
VIN
VOUT
–VDD
2
6
4
Figure 37. ADR44x Negative Reference
VOUT is at virtual ground, and the negative reference is taken
directly from the output of the operational amplifier. If the
negative supply voltage is close to the reference output, the
operational amplifier must be dual supply and have low offset
and rail-to-rail capability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com