Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2206 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC2206
Description  16-Bit, 105Msps/80Msps ADCs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2206 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC2206 Datasheet HTML 17Page - Linear Technology LTC2206 Datasheet HTML 18Page - Linear Technology LTC2206 Datasheet HTML 19Page - Linear Technology LTC2206 Datasheet HTML 20Page - Linear Technology LTC2206 Datasheet HTML 21Page - Linear Technology LTC2206 Datasheet HTML 22Page - Linear Technology LTC2206 Datasheet HTML 23Page - Linear Technology LTC2206 Datasheet HTML 24Page - Linear Technology LTC2206 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
LTC2207/LTC2206
21
22076fa
22076 F10
ENC–
ENC+
3.3V
3.3V
D0
Q0
Q0
MC100LVELT22
LTC2207/
LTC2206
Figure 10. ENC Drive Using a CMOS to PECL Translator
Figure 9. Single-Ended ENC Drive,
Not Recommended for Low Jitter
22076 F09
ENC–
1.6V
VTHRESHOLD = 1.6V
ENC+
0.1
µF
LTC2207/
LTC2206
Figure 7. A 2.25V Range ADC with
an External 2.5V Reference
VCM
SENSE
1.25V
3.3V
2.2
µF
2.2
µF
1
µF
22076 F07
LTC2207/
LTC2206
LTC1461-2.5
2
6
4
Figure 8a. Equivalent Encode Input Circuit
Figure 8b. Transformer Driven Encode
VDD
VDD
LTC2207/
LTC2206
22076 F08a
VDD
ENC–
ENC+
1.6V
1.6V
6k
6k
TO INTERNAL
ADC CLOCK
DRIVERS
50
Ω
100
Ω
8.2pF
0.1
µF
0.1
µF
0.1
µF
T1
T1 = MA/COM ETC1-1-13
RESISTORS AND CAPACITORS
ARE 0402 PACKAGE SIZE
50
Ω
LTC2207/
LTC2206
22076 F08b
ENC–
ENC+
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com