Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADTL082 Datasheet(PDF) 3 Page - Analog Devices

Part # ADTL082
Description  Low Cost JFET Input Operational Amplifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADTL082 Datasheet(HTML) 3 Page - Analog Devices

  ADTL082 Datasheet HTML 1Page - Analog Devices ADTL082 Datasheet HTML 2Page - Analog Devices ADTL082 Datasheet HTML 3Page - Analog Devices ADTL082 Datasheet HTML 4Page - Analog Devices ADTL082 Datasheet HTML 5Page - Analog Devices ADTL082 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Preliminary Technical Data
ADTL082/ADTL084
SPECIFICATIONS
VCC = ±15 V, VCM= 0 V, TA = 25oC, over all grades unless otherwise noted
Table 1.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
ADTL082 / ADTL084
2
9
mV
0°C ≤ TA ≤ 70°C
15
mV
ADTL082A / ADTL084A
1.5
5
mV
-40°C ≤ TA ≤ 125°C (A grade)
9
mV
Offset Voltage Drift
∆VOS/∆T
0°C ≤ TA ≤ 70°C (all grades)
2.0
6.5
μV/°C
-40°C ≤ TA ≤ 125°C (A grade)
2.0
7.5
μV/°C
Input Bias Current
IB
0.2
20
pA
0°C ≤ TA ≤ 70°C (all grades)
100
pA
-40°C ≤ TA ≤ 125°C (A grade)
550
pA
Input Offset Current
IOS
0.1
0.5
pA
0°C ≤ TA ≤ 70°C (all grades)
50
pA
-40°C ≤ TA ≤ 125°C (A grade)
250
pA
Input Voltage Range
VCM
-11
12
V
Common-Mode Rejection Ratio
CMRR
VCM = 0 V to 5.0 V
80
86
dB
Open-Loop Input Impedance
RIN
10
MΩ
Large Signal Voltage Gain
AVO
RL = 2 kΩ, VO = -10 V to 10 V
160
700
V/mV
OUTPUT CHARACTERISTICS
Maximum Output Voltage Swing
VO,MAX
RL = 10 kΩ
±12
±13.5
V
0°C ≤ TA ≤ 70°C (all grades)
±12
V
-40°C ≤ TA ≤ 125°C (A grade)
±12
V
RL = 2 kΩ
±11
±13
V
0°C ≤ TA ≤ 70°C (all grades)
±10
±12
V
-40°C ≤ TA ≤ 125°C (A grade)
±10
±12
V
Short-Circuit Output Current
ISC
±20
mA
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VDD = 5.V to 30 V
80
86
dB
Supply Current per Amplifier
ISY
1.0
1.2
mA
0°C ≤ TA ≤ 70°C (all grades)
2.2
mA
-40°C ≤ TA ≤ 125°C (A grade)
2.5
mA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 2 kΩ
20
V/μs
Gain Bandwidth Product
GBP
6
MHz
Phase Margin
φ
M
74
Degrees
Total Harmonic Distortion
THD
VIN = 6 VRMS, f = 1 kHz, AV = +1, RL = 2kΩ
0.003
%
Channel Separation
CS
f = 10 kHz
120
dB
NOISE PERFORMANCE
Voltage Noise Density
en
f = 1 kHz
15
nV/√Hz
Rev. PrA | Page 3 of 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com