Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS6524Q06J Datasheet(PDF) 21 Page - STMicroelectronics

Part # VS6524Q06J
Description  VGA single-chip camera module
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6524Q06J Datasheet(HTML) 21 Page - STMicroelectronics

Back Button VS6524Q06J Datasheet HTML 17Page - STMicroelectronics VS6524Q06J Datasheet HTML 18Page - STMicroelectronics VS6524Q06J Datasheet HTML 19Page - STMicroelectronics VS6524Q06J Datasheet HTML 20Page - STMicroelectronics VS6524Q06J Datasheet HTML 21Page - STMicroelectronics VS6524Q06J Datasheet HTML 22Page - STMicroelectronics VS6524Q06J Datasheet HTML 23Page - STMicroelectronics VS6524Q06J Datasheet HTML 24Page - STMicroelectronics VS6524Q06J Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 70 page
background image
VL6524/VS6524
Output frame size control
21/70
integration time available slower frame rates have improved performance in low light
conditions.
6.2.1
Horizontal mirror and vertical flip
The image data output from the VL6524/VS6524 can be mirrored horizontally or flipped
vertically (or both).
These functions are available in the
Pipe setup bank0 control register bank.
6.3
ViewLive Operation
ViewLive is an option which allows different size, format and image settings to be applied to
alternate frames of the output data.
The controls for ViewLive function are found in the
View live control register bank where the
fEnable register allows the host to enable or disable the function and the
InitalPipeSetupBank register selects which pipe setup bank is output first (see Table 18:
View live control for register description).
Video pipe setup
The key controls for VL6524/VS6524 video pipe setup are grouped into register banks
called
Pipe setup bank0 control and Pipe setup bank1 control.
Pipe setup bank0 control setup is used when ViewLive is disabled.
When ViewLive is enabled the output data switches between
Pipe setup bank0 control and
Pipe setup bank1 control on each alternate frame.
Figure 9.
ViewLive frame output format
Interframe Blanking
Interline
Blanking
Interline
Blanking
Interframe Blanking
Frame output
Active video
Pipe setup bank0
Active Video
Pipe setup bank1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com