Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSH201 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BSH201
Description  P-channel enhancement mode MOS transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSH201 Datasheet(HTML) 2 Page - NXP Semiconductors

  BSH201 Datasheet HTML 1Page - NXP Semiconductors BSH201 Datasheet HTML 2Page - NXP Semiconductors BSH201 Datasheet HTML 3Page - NXP Semiconductors BSH201 Datasheet HTML 4Page - NXP Semiconductors BSH201 Datasheet HTML 5Page - NXP Semiconductors BSH201 Datasheet HTML 6Page - NXP Semiconductors BSH201 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Philips Semiconductors
Product specification
P-channel enhancement mode
BSH201
MOS transistor
ELECTRICAL CHARACTERISTICS
T
j= 25˚C
unless otherwise specified
SYMBOL PARAMETER
CONDITIONS
MIN.
TYP. MAX. UNIT
V
(BR)DSS
Drain-source breakdown
V
GS = 0 V; ID = -10 µA
-60
-
-
V
voltage
V
GS(TO)
Gate threshold voltage
V
DS = VGS; ID = -1 mA
-1
-1.9
-
V
T
j = 150˚C
-0.4
-
-
V
R
DS(ON)
Drain-source on-state
V
GS = -10 V; ID = -160 mA
-
2.1
2.5
Ω
resistance
V
GS = -4.5 V; ID = -80 mA
-
2.7
3.75
Ω
V
GS = -10 V; ID = -160 mA; Tj = 150˚C
-
3.6
4.25
Ω
g
fs
Forward transconductance
V
DS = -48 V; ID = -160 mA
0.1
0.35
-
S
I
GSS
Gate source leakage current V
GS = ±20 V; VDS = 0 V
-
±10 ±100
nA
I
DSS
Zero gate voltage drain
V
DS = -48 V; VGS = 0 V;
-
-50
-100
nA
current
T
j = 150˚C
-
-1.3
-10
µA
Q
g(tot)
Total gate charge
I
D = -0.5 A; VDD = -10 V; VGS = -10 V
-
3
-
nC
Q
gs
Gate-source charge
-
0.5
-
nC
Q
gd
Gate-drain (Miller) charge
-
0.4
-
nC
t
d on
Turn-on delay time
V
DD = -10 V; ID = -0.5 A;
-
2
-
ns
t
r
Turn-on rise time
V
GS = -10 V; RG = 6 Ω
-
4.5
-
ns
t
d off
Turn-off delay time
Resistive load
-
45
-
ns
t
f
Turn-off fall time
-
20
-
ns
C
iss
Input capacitance
V
GS = 0 V; VDS = -48 V; f = 1 MHz
-
70
-
pF
C
oss
Output capacitance
-
15
-
pF
C
rss
Feedback capacitance
-
5
-
pF
REVERSE DIODE LIMITING VALUES AND CHARACTERISTICS
T
j = 25˚C unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
I
DR
Continuous reverse drain
T
a = 25 ˚C
-
-
-0.3
A
current
I
DRM
Pulsed reverse drain current
-
-
-1.2
A
V
SD
Diode forward voltage
I
F = -0.38 A; VGS = 0 V
-
-0.97
-1.3
V
t
rr
Reverse recovery time
I
F = -0.25 A; -dIF/dt = 100 A/µs;
-
38
-
ns
Q
rr
Reverse recovery charge
V
GS = 0 V; VR = -48 V
-
58
-
nC
August 1998
2
Rev 1.000



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com