Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC08B3000 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC08B3000
Description  High Performance, Low Power, 8-Bit, 3 GSPS A/D Converter with 4K Buffer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC08B3000 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button ADC08B3000 Datasheet HTML 17Page - National Semiconductor (TI) ADC08B3000 Datasheet HTML 18Page - National Semiconductor (TI) ADC08B3000 Datasheet HTML 19Page - National Semiconductor (TI) ADC08B3000 Datasheet HTML 20Page - National Semiconductor (TI) ADC08B3000 Datasheet HTML 21Page - National Semiconductor (TI) ADC08B3000 Datasheet HTML 22Page - National Semiconductor (TI) ADC08B3000 Datasheet HTML 23Page - National Semiconductor (TI) ADC08B3000 Datasheet HTML 24Page - National Semiconductor (TI) ADC08B3000 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
1.0 Functional Description (Continued)
TABLE 3. Register Addresses
4-Bit Address
Loading Sequence:
A3 loaded after H0, A0 loaded last
A3
A2
A1
A0
Hex
Register Addressed
0
0
0
0
0h
Reserved
0
0
0
1
1h
Configuration
0
0
1
0
2h
Offset
0
0
1
1
3h
Full-Scale Voltage
Adjust
0
1
0
0
4h
Reserved
0
1
0
1
5h
Reserved
0
1
1
0
6h
Reserved
0
1
1
1
7h
Reserved
1
0
0
0
8h
Reserved
1
0
0
1
9h
Reserved
1
0
1
0
Ah
Reserved
1
0
1
1
Bh
Reserved
1
1
0
0
Ch
Reserved
1
1
0
1
Dh
Extended Clock
Phase Adjust Fine
1
1
1
0
Eh
Extended Clock
Phase Adjust
Coarse
1
1
1
1
Fh
FIFO
1.4 REGISTER DESCRIPTION
Eight write-only registers provide several control and con-
figuration options in the Extended Control Mode. These reg-
isters have no effect when the device is in the Normal
Control Mode. Each register description below also shows
the Power-On Reset (POR) state of each control bit.
Configuration Register
Addr: 1h (0001b)
W only (0xBEFF)
D15
D14
D13
D12
D11
D10
D9
D8
1
0
1
DCS
DCP
nDE
1
OE
D7
D6
D5
D4
D3
D2
D1
D0
1
111111
1
Bit 15
Must be set to 1b
Bit 14
Must be set to 0b
Bit 13
Must be set to 1b
Bit 12
DCS: Duty Cycle Stabilizer. When this bit is
set to 1b , a duty cycle stabilzation circuit is
applied to the clock input. When this bit is set
to 0b the stabilzation circuit is disabled.
POR State: 1b
Bit 11
DCP: DDR Clock Phase. This bit only has an
effect in the DDR mode. When this bit is set
to 0b, the DRDY edges are time-aligned with
the data bus edges (“0˚ Phase”). When this
bit is set to 1b, the DRDY edges are placed
in the middle of the data bit-cells (“90˚
Phase”).
POR State: 1b
Bit 10
nDE: DDR Enable. When this bit is set to 0b,
data bus clocking follows the DDR (Dual
Data Rate) mode whereby a data word is
output with each rising and falling edge of
DRDY. When this bit is set to a 1b, data bus
clocking follows the SDR (Single Data Rate)
mode whereby each data word is output with
either the rising or falling edge of DRDY, as
determined by the OutEdge bit.
POR State: 1b
Bit 9
Must be set to 1b
Bit 8
OE: Output Edge. This bit selects the edge of
the DRDY pins with which the data words
transition in the SDR mode and has the
same effect as the OutEdge pin in the normal
control mode. When this bit is set to 1b, the
data outputs change with the rising edge of
the DRDY pins. When this bit is set to 0b, the
data outputs change with the falling edge of
the DRDY pins.
POR State: 0b
Bits 7:6
Must be set to 1b.
Bits 5:0
Must be set to 1b
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com