Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83848H Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83848H
Description  PHYTER짰 Mini - Extreme Temperature Single 10/100 Ethernet Transceiver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83848H Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button DP83848H Datasheet HTML 9Page - National Semiconductor (TI) DP83848H Datasheet HTML 10Page - National Semiconductor (TI) DP83848H Datasheet HTML 11Page - National Semiconductor (TI) DP83848H Datasheet HTML 12Page - National Semiconductor (TI) DP83848H Datasheet HTML 13Page - National Semiconductor (TI) DP83848H Datasheet HTML 14Page - National Semiconductor (TI) DP83848H Datasheet HTML 15Page - National Semiconductor (TI) DP83848H Datasheet HTML 16Page - National Semiconductor (TI) DP83848H Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 72 page
background image
13
www.national.com
1.10 Package Pin Assignments
NSQAu040
Pin #
Pin Name
1IO_VDD
2TX_CLK
3
TX_EN
4TXD_0
5TXD_1
6TXD_2
7TXD_3
8
RESERVED
9
RESERVED
10
RESERVED
11
RD-
12
RD+
13
AGND
14
TD -
15
TD +
16
PFBIN1
17
AGND
18
AVDD33
19
PFBOUT
20
RBIAS
21
25MHz_OUT
22
LED_LINK/AN0
23
RESET_N
24
MDIO
25
MDC
26
IOVDD33
27
X2
28
X1
29
DGND
30
PFBIN2
31
RX_CLK
32
RX_DV
33
CRS/LED_CFG
34
RX_ER/MDIX_EN
35
COL/PHYAD0
36
RXD_0/PHYAD1
37
RXD_1/PHYAD2
38
RXD_2/PHYAD3
39
RXD_3/PHYAD4
40
IOGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com