Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADTL082R Datasheet(PDF) 6 Page - Analog Devices

Part # ADTL082R
Description  Low Cost JFET Input Operational Amplifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADTL082R Datasheet(HTML) 6 Page - Analog Devices

  ADTL082R Datasheet HTML 1Page - Analog Devices ADTL082R Datasheet HTML 2Page - Analog Devices ADTL082R Datasheet HTML 3Page - Analog Devices ADTL082R Datasheet HTML 4Page - Analog Devices ADTL082R Datasheet HTML 5Page - Analog Devices ADTL082R Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Preliminary Technical Data
ADTL082/ADTL084
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
ADTL082R
0°C to +70°C
8-Lead SOIC_N
R-8
ADTL082R-REEL
0°C to +70°C
8-Lead SOIC_N
R-8
ADTL082R-REEL7
0°C to +70°C
8-Lead SOIC_N
R-8
ADTL082RZ1
0°C to +70°C
8-Lead SOIC_N
R-8
ADTL082RZ-REEL1
0°C to +70°C
8-Lead SOIC_N
R-8
ADTL082RZ-REEL71
0°C to +70°C
8-Lead SOIC_N
R-8
ADTL082ARZ1
−40°C to +125°C
8-Lead SOIC_N
R-8
ADTL082ARZ-REEL1
−40°C to +125°C
8-Lead SOIC_N
R-8
ADTL082ARZ-REEL71
−40°C to +125°C
8-Lead SOIC_N
R-8
ADTL082ARUZ1
−40°C to +125°C
8-lead MSOP
RM-8
ADTL082ARUZ-REEL1
−40°C to +125°C
8-lead MSOP
RM-8
ADTL084R
0°C to +70°C
14-Lead SOIC_N
R-14
ADTL084R-REEL
0°C to +70°C
14-Lead SOIC_N
R-14
ADTL084R-REEL7
0°C to +70°C
14-Lead SOIC_N
R-14
ADTL084RZ1
0°C to +70°C
14-Lead SOIC_N
R-14
ADTL084RZ-REEL1
0°C to +70°C
14-Lead SOIC_N
R-14
ADTL084RZ-REEL71
0°C to +70°C
14-Lead SOIC_N
R-14
ADTL084ARZ1
−40°C to +125°C
14-Lead SOIC_N
R-14
ADTL084ARZ-REEL1
−40°C to +125°C
14-Lead SOIC_N
R-14
ADTL084ARZ-REEL71
−40°C to +125°C
14-Lead SOIC_N
R-14
ADTL084ARUZ1
−40°C to +125°C
14-lead TSSOP
RU-14
ADTL084ARUZ-REEL1
−40°C to +125°C
14-lead TSSOP
RU-14
1 Z = Pb-free part
© 2006 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
PR06275-0-6/06(PrA)
Rev. PrA | Page 6 of 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com