Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV716 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV716
Description  5 MHz, Low Noise, RRO, Dual Operational Amplifier with CMOS Input
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV716 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMV716 Datasheet HTML 1Page - National Semiconductor (TI) LMV716 Datasheet HTML 2Page - National Semiconductor (TI) LMV716 Datasheet HTML 3Page - National Semiconductor (TI) LMV716 Datasheet HTML 4Page - National Semiconductor (TI) LMV716 Datasheet HTML 5Page - National Semiconductor (TI) LMV716 Datasheet HTML 6Page - National Semiconductor (TI) LMV716 Datasheet HTML 7Page - National Semiconductor (TI) LMV716 Datasheet HTML 8Page - National Semiconductor (TI) LMV716 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
ESD Tolerance (Note 2)
Human Body Model
2000V
Machine Model
200V
Supply Voltage (V
+ –V−)
5.5V
Storage Temperature Range
−65˚C to 150˚C
Junction Temperature (Note 3)
150˚C max
Mounting Temperature
Infrared or Convection (20 sec)
260˚C
Operating Ratings (Note 1)
Supply Voltage
2.7V to 5V
Temperature Range
−40˚C to 85˚C
Thermal Resistance (
θ
JA)
8-Pin MSOP
195˚C/W
3.3V Electrical Characteristics (Note 4) Unless otherwise specified, all limits are guaranteed for
T
J = 25˚C, V
+ = 3.3V, V− = 0V. V
CM =V
+/2. Boldface limits apply at the temperature extremes (Note 5).
Symbol
Parameter
Condition
Min
(Note 6)
Typ
(Note 7)
Max
(Note 6)
Units
V
OS
Input Offset Voltage
V
CM = 1V
1.6
5
6
mV
I
B
Input Bias Current
(Note 8)
0.6
115
130
pA
I
OS
Input Offset Current
1
pA
CMRR
Common Mode Rejection Ratio
0
≤ V
CM
≤ 2.1V
60
50
80
dB
PSRR
Power Supply Rejection Ratio
2.7V
≤ V+ ≤ 5V, V
CM =1V
70
60
82
dB
CMVR
Common Mode Voltage Range
For CMRR
≥ 50 dB
−0.2
2.2
V
A
VOL
Open Loop Voltage Gain
Sourcing
R
L =10k
Ω to V+/2,
V
O = 1.65V to 2.9V
80
76
122
dB
Sinking
R
L =10k
Ω to V+/2,
V
O = 0.4V to 1.65V
80
76
122
Sourcing
R
L = 600
Ω to V+/2,
V
O = 1.65V to 2.8V
80
76
105
Sinking
R
L = 600
Ω to V+/2,
V
O = 0.5V to 1.65V
80
76
112
V
O
Output Swing High
R
L =10k
Ω to V+/2
3.22
3.17
3.29
V
R
L = 600
Ω to V+/2
3.12
3.07
3.22
Output Swing Low
R
L =10k
Ω to V+/2
0.03
0.12
0.16
R
L = 600
Ω to V+/2
0.07
0.23
0.27
I
OUT
Output Current
Sourcing, V
O =0V
20
15
31
mA
Sinking, V
O = 3.3V
30
25
41
I
S
Supply Current
V
CM = 1V
1.6
2.0
3
mA
SR
Slew Rate
(Note 9)
5.8
V/µs
GBW
Gain Bandwidth
5
MHz
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com