Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV716MM Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV716MM
Description  5 MHz, Low Noise, RRO, Dual Operational Amplifier with CMOS Input
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV716MM Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LMV716MM Datasheet HTML 6Page - National Semiconductor (TI) LMV716MM Datasheet HTML 7Page - National Semiconductor (TI) LMV716MM Datasheet HTML 8Page - National Semiconductor (TI) LMV716MM Datasheet HTML 9Page - National Semiconductor (TI) LMV716MM Datasheet HTML 10Page - National Semiconductor (TI) LMV716MM Datasheet HTML 11Page - National Semiconductor (TI) LMV716MM Datasheet HTML 12Page - National Semiconductor (TI) LMV716MM Datasheet HTML 13Page - National Semiconductor (TI) LMV716MM Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Application Information (Continued)
SINGLE-SUPPLY INVERTING AMPLIFIER
There may be cases where the input signal going into the
amplifier is negative. Because the amplifier is operating in
single supply voltage, a voltage divider using R
3 and R4 is
implemented to bias the amplifier so the inverting input
signal is within the input common voltage range of the am-
plifier. The capacitor C
1 is placed between the inverting input
and resistor R
1 to block the DC signal going into the AC
signal source, V
IN. The values of R1 and C1 affect the cutoff
frequency, fc = 1⁄2
π R
1C1. As a result, the output signal is
centered around mid-supply (if the voltage divider provides
V
+/2 at the non-inverting input). The output can swing to both
rails, maximizing the signal-to-noise ratio in a low voltage
system.
INSTRUMENTATION AMPLIFIER
Measurement of very small signals with an amplifier requires
close attention to the input impedance of the amplifier, the
overall signal gain from both inputs to the output, as well as,
the gain from each input to the output. This is because we
are only interested in the difference of the two inputs and the
common signal is considered noise. A classic solution is an
instrumentation amplifier. Instrumentation amplifiers have a
finite, accurate, and stable gain. Also they have extremely
high input impedances and very low output impedances.
Finally they have an extremely high CMRR so that the
amplifier can only respond to the differential signal.
Three-Op-Amp Instrumentation Amplifier
A typical instrumentation amplifier is shown in Figure 5.
There are two stages in this configuration. The last stage,
the output stage, is a differential amplifier. In an ideal case
the two amplifiers of the first stage, the input stage, would be
set up as buffers to isolate the inputs. However they cannot
be connected as followers due to the mismatch of real
amplifiers. The circuit in Figure 5 utilizes a balancing resistor
between the two amplifiers to compensate for this mismatch.
The product of the two stages of gain will be the gain of the
instrumentation amplifier circuit. Ideally, the CMRR should
be infinite. However the output stage has a small non-zero
common mode gain which results from resistor mismatch.
In the input stage of the circuit, current is the same across all
resistors. This is due to the high input impedance and low
input bias current of the LMV716. With the node equations
we have:
(1)
By Ohm’s Law:
(2)
However:
(3)
So we have:
(4)
20179515
FIGURE 4. Single-supply Inverting Amplifier
20179542
FIGURE 5. Three-Op-Amp Instrumentation Amplifier
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com