Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD2S1205 Datasheet(PDF) 13 Page - Analog Devices

Part # AD2S1205
Description  12-Bit R/D Converter with Reference Oscillator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2S1205 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD2S1205 Datasheet HTML 9Page - Analog Devices AD2S1205 Datasheet HTML 10Page - Analog Devices AD2S1205 Datasheet HTML 11Page - Analog Devices AD2S1205 Datasheet HTML 12Page - Analog Devices AD2S1205 Datasheet HTML 13Page - Analog Devices AD2S1205 Datasheet HTML 14Page - Analog Devices AD2S1205 Datasheet HTML 15Page - Analog Devices AD2S1205 Datasheet HTML 16Page - Analog Devices AD2S1205 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
Preliminary Technical Data
AD2S1205
Rev. PrB | Page 13 of 25
t3
t6
t7
tCK
CLKIN
DATA
DON'T CARE
VEL
POS
t2
SAMPLE
CS
RD
RDVEL
t1
t1
t3
t5
t4
t5
t4
t7
t6
Figure 7. Parallel Port Read Timing
Table 5. Parallel Port Timing
Parameter
Description
Min
Typ
Max
tCK
Clock Period (= 1/8.192 MHz)
~122 ns
t1
SAMPLE Pulse Width
2 × tCK + 20 ns
t2
Delay from SAMPLE before RD/CS Low
6 × tCK + 20 ns
t3
RD Pulse Width
18 ns
t4
Set Time RDVEL before RD/CS Low
5 ns
t5
Hold Time RDVEL after RD/CS Low
7 ns
t6
Enable Delay RD/CS Low to Data Valid
12 ns
t7
Disable Delay RD/CS Low to Data High Z
18 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com