Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1935XSTZ Datasheet(PDF) 19 Page - Analog Devices

Part # AD1935XSTZ
Description  4 ADC/8 DAC with PLL, 192 kHz, 24 Bit CODEC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1935XSTZ Datasheet(HTML) 19 Page - Analog Devices

Back Button AD1935XSTZ Datasheet HTML 15Page - Analog Devices AD1935XSTZ Datasheet HTML 16Page - Analog Devices AD1935XSTZ Datasheet HTML 17Page - Analog Devices AD1935XSTZ Datasheet HTML 18Page - Analog Devices AD1935XSTZ Datasheet HTML 19Page - Analog Devices AD1935XSTZ Datasheet HTML 20Page - Analog Devices AD1935XSTZ Datasheet HTML 21Page - Analog Devices AD1935XSTZ Datasheet HTML 22Page - Analog Devices AD1935XSTZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
Preliminary Technical Data
AD1935/AD1936/AD1937/AD1938/AD1939
Rev. Pr
I | Page 19 of 30
Pin No.
In/Out
Mnemonic
Description
36
O
OL1
DAC 1 Left Output.
37
O
No Connect.
38
O
OR1
DAC 1 Right Output.
39
O
No Connect.
40
O
OL2
DAC 2 Left Output.
41
O
No Connect.
42
O
OR2
DAC 2 Right Output.
43
O
No Connect.
44
I
AGND
Analog Ground.
45
I
AVDD
Analog Power Supply. Connect to analog 3.3 V supply.
46
I
AGND
Analog Ground.
47
O
FILTR
Voltage Reference Filter Capacitor Connection. Bypass with 10 µF||100 nF to AGND.
48
I
AGND
Analog Ground.
49
No Connect.
50
No Connect.
51
I
AVDD
Analog Power Supply. Connect to analog 3.3 V supply.
52
O
CM
Common Mode Reference Filter Capacitor Connection. Bypass with 10 µF||100 nF to AGND.
53
I
ADC1LP
ADC1 Left Positive Input.
54
I
ADC1LN
ADC1 Left Negative Input.
55
I
ADC1RP
ADC1 Right Positive Input.
56
I
ADC1RN
ADC1 Right Negative Input.
57
I
ADC2LP
ADC2 Left Positive Input.
58
I
ADC2LN
ADC2 Left Negative Input.
59
I
ADC2RP
ADC2 Right Positive Input.
60
I
ADC2RN
ADC2 Right Negative Input.
61
O
LF
PLL Loop Filter, Return to AVDD.
62
I
AVDD
Analog Power Supply. Connect to analog 3.3 V supply.
63
No Connect.
64
No Connect.
Table 15. Pin Function Description—64-Lead LQFP (AD1935)
PIN CONFIGURATION
36
35
34
33
32
31
30
29
28
27
26
25
13 14 15 16 17 18 19 20 21 22 23 24
1
2
3
4
5
6
7
8
9
10
11
12
48 47 46 45 44
39 38 37
43 42 41 40
TOP VIEW
(Not to Scale)
AGND
AVDD
OR2
OL2
OR1
OL1
CCLK/SCL
CLATCH/ADR1
AGND
AVDD
OL3
OR3
OL4
OR4
PD/RST
DSDATA4
AGND
MCLKI/XI
MCLKO/XO
AD193X
DGND
DGND
FILTR
AGND
Single-ended
Output
AGND
Figure 20. Single-ended Output 48-Lead LQFP (AD1936, AD1938)
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com