Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5100 Datasheet(PDF) 21 Page - Analog Devices

Part # AD5100
Description  System-Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5100 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD5100 Datasheet HTML 17Page - Analog Devices AD5100 Datasheet HTML 18Page - Analog Devices AD5100 Datasheet HTML 19Page - Analog Devices AD5100 Datasheet HTML 20Page - Analog Devices AD5100 Datasheet HTML 21Page - Analog Devices AD5100 Datasheet HTML 22Page - Analog Devices AD5100 Datasheet HTML 23Page - Analog Devices AD5100 Datasheet HTML 24Page - Analog Devices AD5100 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
Preliminary Technical Data
AD5100
Rev. PrJ | Page 21 of 32
Digital Interface
All programmable parameters are set through a 2-wire I2C
protocol with read/write access to the registers. All
programmable parameters can be set permanently by
blowing the OTP fuses at users’ factories. Analog Devices
offers device programming software, which effectively
replaces the need for external I2C controllers or host
processors for OTP programming in the factories.
SCL
Serial Input Register Clock Pin. Shifts in one bit at a time on
positive clock edges. External 1k-2.2kΩ pull-up resistor is
needed. The pull-up resistor should tie to V3MON if it is used
to monitor a sub-5V source.
SDA
Serial Data Input/Output Pin. Shifts in one bit at a time on
positive clock edges. MSB loaded first. External 1k-2.2kΩ
pull-up resistor is needed. The pull-up resistor should tie to
V3MON if it is used to monitor a sub-5V source.
AD0
I2C Slave Address Pin. AD5100 is a slave device that will
communicate with a master if the AD0 bit in the protocol
matches with the logic state of the AD5100’s AD0 pin. Table 8
and Figure 20 show the example with two AD5100 devices
operate on the same serial bus independently.
Table 8. Slave Address Decoding Scheme
AD0
Program
ming Bit
AD0
Device
Pin
Device
Address
ed
0
0V
0x2E
(U1)
1
5V
0x2F
(U2)
Figure 20. Two AD5100 Devices on One Bus
The master-device output bus-line drivers are open-drain pull-
downs in a fully I2C compatible interface.
AD5100 Register Map
Table 9 outlines the Address Pointer Registers used to configure
and control all parameters and functions in the AD5100. Table
10 shows the Address Pointer Register Structure. Table 9 also
outlines if registers are writable, readable, or permanently
settable. All registers are single-port, meaning they have the
same address for read and write operations. The AD5100 ships
from its manufacturing factory with default power-up values as
listed in the last column. The user can experiment with
different settings in the various threshold, delay and
configuration registers. Once enough evaluation is done, the
user can program their own power-up default values via a one
time program (OTP) feature. When all desired settings have
been programmed (or the user is satisfied with the
manufacturers defaults), a lock-out bit can be set to prevent
further/erroneous settings from being programmed.
Some users will use the AD5100 as a ‘set and forget’ device, i.e.
program some default values and never need to change these
over the life of the application. However some users will require
‘On the Fly’ flexibility, i.e. the ability to change settings to values
other than those they choose as their defaults. An additional
feature of the AD5100 is the ability to temporarily over-ride the
OTP executed settings and still allows users to program the
parts dynamically in the field. All over-ride values will revert
back to OTP executed settings once the AD5100 is power
cycled.
Register Writing, Reading, OTP & Over-Ride are explained
later in the I2C section.
MASTER
SDA SCL
AD0
SDA SCL
AD0
SDA
SCL
5V
Rp
Rp
5V
AD5100
AD5100
U2
U1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com