Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5372BSTZ Datasheet(PDF) 16 Page - Analog Devices

Part # AD5372BSTZ
Description  32-Channel, 16/14, Serial Input, Voltage-Output DACs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5372BSTZ Datasheet(HTML) 16 Page - Analog Devices

Back Button AD5372BSTZ Datasheet HTML 12Page - Analog Devices AD5372BSTZ Datasheet HTML 13Page - Analog Devices AD5372BSTZ Datasheet HTML 14Page - Analog Devices AD5372BSTZ Datasheet HTML 15Page - Analog Devices AD5372BSTZ Datasheet HTML 16Page - Analog Devices AD5372BSTZ Datasheet HTML 17Page - Analog Devices AD5372BSTZ Datasheet HTML 18Page - Analog Devices AD5372BSTZ Datasheet HTML 19Page - Analog Devices AD5372BSTZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
AD5372/AD5373
Preliminary Technical Data
Rev. P
rF | Page 16 of 25
RESET FUNCTION
When the RESET pin is taken low, the DAC buffers are
disconnected and the DAC outputs VOUT0 to VOUT31 are
tied to their associated SIGGND signals via a 10 kΩ resistor. On
the rising edge of RESET the AD5372/AD5373 state machine
initiates a reset sequence to reset the X, M and C registers to
their default values. This sequence typically takes 300µs and the
user should not write to the part during this time. When the
reset sequence is complete, and provided that CLR is high, the
DAC output will be at a potential specified by the default
register settings which will be equivalent to SIGGGND. The
DAC outputs will remain at SIGGND until the X, M or C
registers are updated and LDAC is taken low.
CLEAR FUNCTION
CLR is an active low input which should be high for normal
operation. The CLR pin has in internal 500kΩ pull-down
resistor. When CLR is low, the input to each of the DAC output
buffer stages, VOUT0 to VOUT31, is switched to the externally
set potential on the relevant SIGGND pin. While CLR is low, all
LDAC pulses are ignored. When CLR is taken high again, the
DAC outputs remain cleared until LDAC is taken low. The
contents of input registers and DAC registers 0 to 31 are not
affected by taking CLR low. To prevent glitches appearing on
the outputs CLR should be brought low whenever the output
span is adjusted by writing to the offset DAC.
BUSY AND LDAC FUNCTIONS
The value of an X2 (A or B) register is calculated each time the
user writes new data to the corresponding X1, C, or M registers.
During the calculation of X2, the BUSY output goes low. While
BUSY is low, the user can continue writing new data to the X1,
M, or C registers (see the Register Update Rates section for
more details), but no DAC output updates can take place.
The BUSY pin is bidirectional and has a 50 kΩ internal pullup
resistor. Where multiple AD5372 or AD5373 devices may be
used in one system the BUSY pins can be tied together. This is
useful where it is required that no DAC in any device is updated
until all other DACs are ready. When each device has finished
updating the X2 (A or B) registers it will release the BUSY pin.
If another device hasn’t finished updating its X2 registers it will
hold BUSY low, thus delaying the effect of LDAC going low.
The DAC outputs are updated by taking the LDAC input low. If
LDAC goes low while BUSY is active, the LDAC event is stored
and the DAC outputs update immediately after BUSY goes
high. A user can also hold the LDAC input permanently low. In
this case, the DAC outputs update immediately after BUSY
goes high. BUSY also goes low, for approximately 500ns,
whenever the A/B Select Registers are written to.
As described later, the ADAD5372/AD5373 has flexible
addressing that allows writing of data to a single channel, all
channels in a group, the same channel in groups 0 to 3 or
groups 1 to 4, or all channels in the device. This means that 1, 4,
8 or 32 DAC register values may need to be calculated and
updated. As there is only one multiplier shared between 32
channels, this task must be done sequentially, so the length of
the BUSY pulse will vary according to the number of channels
being updated.
Table 7. BUSY Pulse Widths
Action
BUSY Pulse Width
(µs max)
Loading Input, C, or M to 1 channel
1.25
Loading Input, C, or M to 4 channels
2.75
Loading Input, C, or M to 8 channels
4.75
Loading Input, C, or M to 32 channels
16.75
BUSY Pulse Width = ((Number of Channels +1) × 500ns) +250ns
The AD5372/AD5373 contains an extra feature whereby a DAC
register is not updated unless its X2A or X2B register has been
written to since the last time LDAC was brought low. Normally,
when LDAC is brought low, the DAC registers are filled with
the contents of the X2A or X2B registers, depending on the
setting of the A/B Select Registers. However the
AD5372/AD5373 updates the DAC register only if the X2 data
has changed, thereby removing unnecessary digital crosstalk.
POWER-DOWN MODE
The AD5372/AD5373 can be powered down by setting Bit 0 in
the control register. This will turn off the DACs thus reducing
the current consumption. The DAC outputs will be connected
to their respective SIGGND potentials. The power-down mode
doesn’t change the contents of the registers and the DACs will
return to their previous voltage when the power-down bit is
cleared.
THERMAL MONITOR FUNCTION
The AD5372/AD5373 can be programmed to power down the
DACs if the temperature on the die exceeds 130°C. Setting Bit 1
in the control register (see Table 15) will enable this function. If
the die temperature exceeds 130°C the AD5372/AD5373 will
enter a temperature power-down mode, which is equivalent to
setting the power-down bit in the control register. To indicate
that the AD5372/AD5373 has entered temperature power-down
mode Bit 4 of the control register is set. The AD5372/AD5373
will remain in temperature shutdown mode, even if the die
temperature falls, until Bit 1 in the control register is cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com