Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5384 Datasheet(PDF) 13 Page - Analog Devices

Part # AD5384
Description  40-Channel, 3 V/5 V, Single-Supply, Serial, 14-Bit Voltage Output DAC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5384 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5384 Datasheet HTML 9Page - Analog Devices AD5384 Datasheet HTML 10Page - Analog Devices AD5384 Datasheet HTML 11Page - Analog Devices AD5384 Datasheet HTML 12Page - Analog Devices AD5384 Datasheet HTML 13Page - Analog Devices AD5384 Datasheet HTML 14Page - Analog Devices AD5384 Datasheet HTML 15Page - Analog Devices AD5384 Datasheet HTML 16Page - Analog Devices AD5384 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
AD5384
Rev. A | Page 13 of 36
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.1
Table 9.
Parameter
Rating
AVDD to AGND
–0.3 V to +7 V
DVDD to DGND
–0.3 V to +7 V
Digital Inputs to DGND
–0.3 V to DVDD + 0.3 V
SDA/SCL to DGND
–0.3 V to + 7 V
Digital Outputs to DGND
–0.3 V to DVDD + 0.3 V
REFIN/REFOUT to AGND
–0.3 V to AVDD + 0.3 V
AGND to DGND
–0.3 V to +0.3 V
VOUTx to AGND
–0.3 V to AVDD + 0.3 V
Analog Inputs to AGND
–0.3 V to AVDD + 0.3 V
Operating Temperature Range
Commercial (B Version)
–40°C to +85°C
Storage Temperature Range
–65°C to +150°C
JunctionTemperature (TJ max)
150°C
100-lead CSPBGA Package
θJAThermal Impedance
40°C/W
Reflow Soldering
Peak Temperature
230°C
1 Transient currents of up to 100 mA do not cause SCR latch-up.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those listed in the operational sections
of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
this product features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com