Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5663 Datasheet(PDF) 11 Page - Analog Devices

Part # AD5663
Description  2.7 V to 5.5 V, 250 uA, Rail-to-Rail Output, Dual 16-Bit nanoDAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5663 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5663 Datasheet HTML 7Page - Analog Devices AD5663 Datasheet HTML 8Page - Analog Devices AD5663 Datasheet HTML 9Page - Analog Devices AD5663 Datasheet HTML 10Page - Analog Devices AD5663 Datasheet HTML 11Page - Analog Devices AD5663 Datasheet HTML 12Page - Analog Devices AD5663 Datasheet HTML 13Page - Analog Devices AD5663 Datasheet HTML 14Page - Analog Devices AD5663 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AD5663
Rev. 0 | Page 11 of 24
0
CAPACITANCE (nF)
16
14
12
10
8
6
4
01
2
3
4
5
67
9
81
VREF = VDD
TA = 25°C
VDD = 5V
VDD = 3V
Figure 22. Settling Time vs. Capacitive Load
1
Y AXIS = 2µV/DIV
X AXIS = 4s/DIV
VDD = VREF = 5V
TA = 25°C
DAC LOADED WITH MIDSCALE
Figure 23. 0.1 Hz to 10 Hz Output Noise Plot
FREQUENCY (Hz)
800
600
700
400
500
100
200
300
0
10
100k
10k
1k
100
1M
VDD = VREF = 5V
TA = 25°C
Figure 24. Noise Spectral Density
FREQUENCY (Hz)
5
–40
10k
100k
1M
10M
–35
–30
–25
–20
–15
–10
–5
0
VDD = 5V
TA = 25°C
Figure 25. Multiplying Bandwidth
VOUT A
VOUT B
3
CH3 5.0V
CH4 1.0V
CH2 1.0V
M200ns A CH3
1.10V
2
4
4
CLR
Figure 26. CLR Pulse Activation Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com