Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5663ARMZ Datasheet(PDF) 18 Page - Analog Devices

Part # AD5663ARMZ
Description  2.7 V to 5.5 V, 250 uA, Rail-to-Rail Output, Dual 16-Bit nanoDAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5663ARMZ Datasheet(HTML) 18 Page - Analog Devices

Back Button AD5663ARMZ Datasheet HTML 14Page - Analog Devices AD5663ARMZ Datasheet HTML 15Page - Analog Devices AD5663ARMZ Datasheet HTML 16Page - Analog Devices AD5663ARMZ Datasheet HTML 17Page - Analog Devices AD5663ARMZ Datasheet HTML 18Page - Analog Devices AD5663ARMZ Datasheet HTML 19Page - Analog Devices AD5663ARMZ Datasheet HTML 20Page - Analog Devices AD5663ARMZ Datasheet HTML 21Page - Analog Devices AD5663ARMZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
AD5663
Rev. 0 | Page 18 of 24
MICROPROCESSOR INTERFACING
AD5663 to Blackfin® ADSP BF53x Interface
Figure 32 shows a serial interface between the AD5663 and the
Blackfin ADSP-BF53x microprocessor. The ADSP-BF53x processor
family incorporates two dual-channel synchronous serial ports,
SPORT1 and SPORT0, for serial and multiprocessor
communications. Using SPORT0 to connect to the AD5663, the
setup for the interface is as follows:
•
DT0PRI drives the DIN pin of the AD5663.
•
TSCLK0 drives the SCLK of the part.
•
The SYNC pin is driven from TFS0.
AD56631
ADSP-BF53x1
SYNC
TFS0
DIN
DTOPRI
SCLK
TSCLK0
1ADDITIONAL PINS OMITTED FOR CLARITY.
Figure 32. AD5663 to Blackfin ADSP-BF53x Interface
AD5663 to 68HC11/68L11 Interface
Figure 33 shows a serial interface between the AD5663 and the
68HC11/68L11 microcontroller. SCK of the 68HC11/68L11
drives the SCLK of the AD5663, and the MOSI output drives
the serial data line of the DAC.
The SYNC signal is derived from a port line (PC7). The setup
conditions for correct operation of this interface are as follows:
•
The 68HC11/68L11 is configured with its CPOL bit as 0.
•
The 68HC11/68L11 is configured with its CPHA bit as 1.
When data is being transmitted to the DAC, the SYNC line is
taken low (PC7). When the 68HC11/68L11 is configured as
previously described, data appearing on the MOSI output is
valid on the falling edge of SCK. Serial data from the
68HC11/68L11 is transmitted in 10-bit bytes with only eight
falling clock edges occurring in the transmit cycle. Data is
transmitted MSB first. To load data to the AD5663, PC7 is left
low after the first eight bits are transferred, and a second serial
write operation is performed to the DAC. PC7 is taken high at
the end of this procedure.
AD56631
68HC11/68L111
SYNC
PC7
SCLK
SCK
DIN
MOSI
1ADDITIONAL PINS OMITTED FOR CLARITY.
Figure 33. AD5663 to 68HC11/68L11 Interface
AD5663 to 80C51/80L51 Interface
Figure 34 shows a serial interface between the AD5663 and the
80C51/80L51 microcontroller. The setup for the interface is as
follows:
•
TxD of the 80C51/80L51 drives SCLK of the AD5663.
•
RxD drives the serial data line of the part.
The SYNC signal is again derived from a bit-programmable pin
on the port. In this case, Port Line P3.3 is used. When data is to be
transmitted to the AD5663, P3.3 is taken low. The 80C51/80L51
transmits data in 10-bit bytes only; thus only eight falling clock
edges occur in the transmit cycle. To load data to the DAC, P3.3
is left low after the first eight bits are transmitted, and a second
write cycle is initiated to transmit the second byte of data. P3.3
is taken high following the completion of this cycle. The 80C51/
80L51 outputs the serial data in a format that has the LSB first.
The AD5663 must receive data with the MSB first. The 80C51/
80L51 transmit routine should take this into account.
AD56631
80C51/80L511
SYNC
P3.3
SCLK
TxD
DIN
RxD
1ADDITIONAL PINS OMITTED FOR CLARITY.
Figure 34. AD5663 to 80C51/80L51 Interface
AD5663 to MICROWIRE Interface
Figure 35 shows an interface between the AD5663 and any
MICROWIRE-compatible device. Serial data is shifted out on
the falling edge of the serial clock and is clocked into the AD5663
on the rising edge of the SK.
AD56631
MICROWIRE1
SYNC
CS
SCLK
SK
DIN
SO
1ADDITIONAL PINS OMITTED FOR CLARITY.
Figure 35. AD5663 to MICROWIRE Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com