Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5667R Datasheet(PDF) 21 Page - Analog Devices

Part # AD5667R
Description  Dual, 12-/14-/16-Bit nanoDACs with 5ppm/C On-Chip Ref, I2C Interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5667R Datasheet(HTML) 21 Page - Analog Devices

Back Button AD5667R Datasheet HTML 17Page - Analog Devices AD5667R Datasheet HTML 18Page - Analog Devices AD5667R Datasheet HTML 19Page - Analog Devices AD5667R Datasheet HTML 20Page - Analog Devices AD5667R Datasheet HTML 21Page - Analog Devices AD5667R Datasheet HTML 22Page - Analog Devices AD5667R Datasheet HTML 23Page - Analog Devices AD5667R Datasheet HTML 24Page - Analog Devices AD5667R Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
Preliminary Technical Data
AD5627R/AD5647R/AD5667R, AD5627/AD5667
Rev. PrA. | Page 21 of 30
The AD5627R/AD5647R/AD5667R, AD5627/AD5667 support
standard (100 kHz), fast (400 kHz), and high speed (3.4 MHz)
data transfer modes. High-speed operation is only available on
selected models. See the Ordering Information on the back
page for a full list of models. Support is not provided for 10-bit
addressing and general call addressing.
The AD5627R/AD5647R/AD5667R, AD5627/AD5667 each
have a 7-bit slave address. The two LSBs are set by the state of
the ADDR address pin, which determines the state of the A0
and A1 address bits.
The ADDR pin is three-state, and can be set as shown in Table
8 to give three different addresses.
Table 8. ADDR Pin Settings
ADDR PIN CONNECTION
A1
A0
VDD
0
0
No Connection
1
0
GND
1
1
The 2-wire serial bus protocol operates as follows:
1. The master initiates data transfer by establishing a start
condition, which is when a high-to-low transition on the
SDA line occurs while SCL is high. The following byte is the
address byte, which consists of the 7-bit slave address. The
slave address corresponding to the transmitted address
responds by pulling SDA low during the ninth clock pulse
(this is termed the acknowledge bit). At this stage, all other
devices on the bus remain idle while the selected device waits
for data to be written to, or read from, its shift register.
2. Data is transmitted over the serial bus in sequences of nine clock
pulses (eight data bits followed by an acknowledge bit). The
transitions on the SDA line must occur during the low period of
SCL and remain stable during the high period of SCL.
3. When all data bits have been read or written, a stop
condition is established. In write mode, the master pulls the
SDA line high during the 10th clock pulse to establish a
stop condition. In read mode, the master issues a no
acknowledge for the ninth clock pulse (that is, the SDA line
remains high). The master then brings the SDA line low
before the 10th clock pulse, and then high during the 10th
clock pulse to establish a stop condition.
R/W
0
SCL
SDA
0
0
1
1
A1
A0
DB23 D B22 DB2 1 D B20 DB19 DB 18 D B17 DB1 6
ACK. BY
AD56x7
START BY
MASTER
FRAME 1
SLAVE ADDRESS
FRAME 2
COMMAND BYTE
19
1
ACK. BY
AD56x7
9
DB7
DB6
DB5
D B4
D B3
D B2
DB 1
DB0
ACK. BY
AD56x7
STOP BY
MASTER
19
9
SCL
(CONTINUED)
SDA
(CONTINUED)
DB15 DB14 DB 13 DB12 DB 11 DB10 DB 9
DB8
ACK. BY
AD56x7
1
FRAME 3
MOST SIGNIFICANT
DATA BYTE
FRAME 4
LEAST SIGNIFICANT
DATA BYTE
Figure 52. I2C Write Operation
WRITE OPERATION
When writing to the AD5627R/AD5647R/AD5667R,
AD5627/AD5667, the user must begin with a start command
followed by an address byte (R/W = 0), after which the DAC
acknowledges that it is prepared to receive data by pulling SDA
low. The AD5667 requires two bytes of data for the DAC and a
command byte that controls various DAC functions. Three
bytes of data must therefore written to the DAC, the command
byte followed by the most significant data byte and the least
significant data byte, as shown in Figure 52. All these data
bytes are acknowledged by the AD5627R/AD5647R/AD5667R,
AD5627/AD5667. A stop condition follows.
READ OPERATION
When reading data back from the
AD5627R/AD5647R/AD5667R, AD5627/AD5667, the user
begins with a start command followed by an address byte (R/W
= 1), after which the DAC acknowledges that it is prepared to
transmit data by pulling SDA low. Two bytes of data are then
read from the DAC, which are both acknowledged by the
master as shown in Figure 53. A stop condition follows.
Note that the only data that can be read back from the AD56x7
is the contents of the input shift register (see section on Control
Register).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com