Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5666 Datasheet(PDF) 21 Page - Analog Devices

Part # AD5666
Description  Quad, 16-Bit DAC with 5 ppm/C On-Chip Reference in 14-Lead TSSOP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5666 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD5666 Datasheet HTML 17Page - Analog Devices AD5666 Datasheet HTML 18Page - Analog Devices AD5666 Datasheet HTML 19Page - Analog Devices AD5666 Datasheet HTML 20Page - Analog Devices AD5666 Datasheet HTML 21Page - Analog Devices AD5666 Datasheet HTML 22Page - Analog Devices AD5666 Datasheet HTML 23Page - Analog Devices AD5666 Datasheet HTML 24Page - Analog Devices AD5666 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
AD5666
Rev. A | Page 21 of 28
OUTPUT AMPLIFIER
The output buffer amplifier can generate rail-to-rail voltages on
its output, which gives an output range of 0 V to VDD. The
amplifier is capable of driving a load of 2 kΩ in parallel with
1000 pF to GND. The source and sink capabilities of the output
amplifier can be seen in Figure 19 and Figure 20. The slew rate
is 1.5 V/μs with a ¼ to ¾ scale settling time of 10 μs.
SERIAL INTERFACE
The AD5666 has a 3-wire serial interface (SYNC, SCLK, and
DIN) that is compatible with SPI, QSPI, and MICROWIRE
interface standards as well as most DSPs. See Figure 3 for a
timing diagram of a typical write sequence.
The write sequence begins by bringing the SYNC line low. Data
from the DIN line is clocked into the 32-bit shift register on the
falling edge of SCLK. The serial clock frequency can be as high
as 50 MHz, making the AD5666 compatible with high speed
DSPs. On the 32nd falling clock edge, the last data bit is clocked
in and the programmed function is executed, that is, a change
in DAC register contents and/or a change in the mode of
operation. At this stage, the SYNC line can be kept low or be
brought high. In either case, it must be brought high for a
minimum of 15 ns before the next write sequence so that a
falling edge of SYNC can initiate the next write sequence.
Because the SYNC buffer draws more current when VIN = 2 V
than it does when VIN = 0.8 V, SYNC should be idled low
between write sequences for even lower power operation of the
part. As is mentioned previously, however, SYNC must be
brought high again just before the next write sequence.
Table 7. Command Definitions
Command
C3
C2
C1
C0
Description
0
0
0
0
Write to Input Register n
0
0
0
1
Update DAC Register n
0
0
1
0
Write to Input Register n, update all
(software LDAC)
0
0
1
1
Write to and update DAC Channel n
0
1
0
0
Power down/power up DAC
0
1
0
1
Load clear code register
0
1
1
0
Load LDAC register
0
1
1
1
Reset (power-on reset)
1
0
0
0
Set up DCEN/REF register
1
0
0
1
Reserved
–
–
–
–
Reserved
1
1
1
1
Reserved
Table 8. Address Commands
Address (n)
A3
A2
A1
A0
Selected DAC
Channel
0
0
0
0
DAC A
0
0
0
1
DAC B
0
0
1
0
DAC C
0
0
1
1
DAC D
1
1
1
1
All DACs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com