Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5665-RBRUZ-2 Datasheet(PDF) 21 Page - Analog Devices

Part # AD5665-RBRUZ-2
Description  Quad, 12-/14-/16-Bit nanoDACs with 5ppm/째C On-chip Ref, I2C Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5665-RBRUZ-2 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD5665-RBRUZ-2 Datasheet HTML 17Page - Analog Devices AD5665-RBRUZ-2 Datasheet HTML 18Page - Analog Devices AD5665-RBRUZ-2 Datasheet HTML 19Page - Analog Devices AD5665-RBRUZ-2 Datasheet HTML 20Page - Analog Devices AD5665-RBRUZ-2 Datasheet HTML 21Page - Analog Devices AD5665-RBRUZ-2 Datasheet HTML 22Page - Analog Devices AD5665-RBRUZ-2 Datasheet HTML 23Page - Analog Devices AD5665-RBRUZ-2 Datasheet HTML 24Page - Analog Devices AD5665-RBRUZ-2 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
Preliminary Technical Data
AD5625R/AD5645R/AD5665R, AD5625/AD5665
Rev. PrA. | Page 21 of 32
The AD5625R/AD5645R/AD5665R, AD5625/AD5665 support
standard (100 kHz), fast (400 kHz), and high speed (3.4 MHz)
data transfer modes. High-speed operation is only available on
selected models. See the Ordering Information on the back
page for a full list of models. Support is not provided for 10-bit
addressing and general call addressing.
The AD5625R/AD5645R/AD5665R, AD5625/AD5665 each
have a 7-bit slave address. 10-pin versions of the part have a
slave address whose five MSBs are 00011, and the two LSBs are
set by the state of the ADDR address pin, which determines the
state of the A0 and A1 address bits. 14-pin versions of the part
have a slave address whose three MSBs are 001, and the four
LSBs are set by the ADDR1 and ADDR2 address pins, which
determine the state of the A0 and A1, A2 and A3 address bits
respectively.
The ADDR pin is three-state, and can be set as shown in Table
8 to give three different addresses.
Table 8. ADDR Pin Settings (10-pin package)
ADDR PIN CONNECTION
A1
A0
VDD
0
0
No Connection
1
0
GND
1
1
The ADDR1 and ADDR2 pins are also three-state, and can be
set as shown in Table 9 to give a total of 9 different addresses.
Table 9. ADDR1, ADDR2 Pin Setting (14-pin Package)
ADDR2
ADDR1
A3
A2
A1
A0
VDD
VDD
0
0
0
0
VDD
NC
0
0
1
0
VDD
GND
0
0
1
1
NC
VDD
1
0
0
0
NC
NC
1
0
1
0
NC
GND
1
0
1
1
GND
VDD
1
1
0
0
GND
NC
1
1
1
0
GND
GND
1
1
1
1
The 2-wire serial bus protocol operates as follows:
1. The master initiates data transfer by establishing a start
condition, which is when a high-to-low transition on the
SDA line occurs while SCL is high. The following byte is the
address byte, which consists of the 7-bit slave address. The
slave address corresponding to the transmitted address
responds by pulling SDA low during the ninth clock pulse
(this is termed the acknowledge bit). At this stage, all other
devices on the bus remain idle while the selected device
waits for data to be written to, or read from, its shift
register.
2. Data is transmitted over the serial bus in sequences of nine
clock pulses (eight data bits followed by an acknowledge
bit). The transitions on the SDA line must occur during the
low period of SCL and remain stable during the high period
of SCL.
3. When all data bits have been read or written, a stop
condition is established. In write mode, the master pulls the
SDA line high during the 10th clock pulse to establish a
stop condition. In read mode, the master issues a no
acknowledge for the ninth clock pulse (that is, the SDA line
remains high). The master then brings the SDA line low
before the 10th clock pulse, and then high during the 10th
clock pulse to establish a stop condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com