Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7180 Datasheet(PDF) 21 Page - Analog Devices

Part # ADV7180
Description  10-Bit, 4 x Oversampling SDTV Video Decoder
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7180 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADV7180 Datasheet HTML 17Page - Analog Devices ADV7180 Datasheet HTML 18Page - Analog Devices ADV7180 Datasheet HTML 19Page - Analog Devices ADV7180 Datasheet HTML 20Page - Analog Devices ADV7180 Datasheet HTML 21Page - Analog Devices ADV7180 Datasheet HTML 22Page - Analog Devices ADV7180 Datasheet HTML 23Page - Analog Devices ADV7180 Datasheet HTML 24Page - Analog Devices ADV7180 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 112 page
background image
ADV7180
Rev. A | Page 21 of 112
GLOBAL STATUS REGISTER
Four registers provide summary information about the video
decoder. The IDENT register allows the user to identify the
revision code of the ADV7180. The other three registers contain
status bits from the ADV7180.
IDENTIFICATION
IDENT[7:0], Address 0x11 [7:0]
The register identification of the revision of the ADV7180. An
identification value of 0x18 indicates the ADV7180.
STATUS 1
STATUS_1[7:0], Address 0x10 [7:0]
This read-only register provides information about the internal
status of the ADV7180.
See the CIL[2:0], Count Into Lock, Address 0x51 [2:0] section
and the COL[2:0], Count Out of Lock, Address 0x51 [5:3]
section for details on timing.
Depending on the setting of the FSCLE bit, the Status Register 0
and Status Register 1 are based solely on horizontal timing infor-
mation or on the horizontal timing and lock status of the color
subcarrier. See the FSCLE, FSC Lock Enable, Address 0x51 [7]
section.
AUTODETECTION RESULT
AD_RESULT[2:0], Address 0x10 [6:4]
The AD_RESULT[2:0] bits report back on the findings from the
ADV7180 autodetection block. Consult the General Setup
section for more information on enabling the autodetection
block and the Autodetection of SD Modes section for more
information on how to configure it.
Table 16. AD_RESULT Function
AD_RESULT[2:0]
Description
000
NTSM M/J
001
NTSC 4.43
010
PAL M
011
PAL 60
100
PAL B/G/H/I/D
101
SECAM
110
PAL Combination N
111
SECAM 525
Table 17. Status_1 Function
STATUS_1
[7:0]
Bit Name
Description
0
IN_LOCK
In lock (now)
1
LOST_LOCK
Lost lock (since last read of this
register)
2
FSC_LOCK
FSC locked (now)
3
FOLLOW_PW
AGC follows peak white
algorithm
4
AD_RESULT[0]
Result of autodetection
5
AD_RESULT[1]
Result of autodetection
6
AD_RESULT[2]
Result of autodetection
7
COL_KILL
Color kill active
STATUS 2
STATUS_2[7:0], Address 0x12 [7:0]
Table 18. STATUS_2 Function
STATUS_2
[7:0]
Bit Name
Description
0
MVCS DET
Detected Macrovision color striping
1
MVCS T3
Macrovision color striping
protection; conforms to Type 3 if
high, Type 2 if low
2
MV PS DET
Detected Macrovision pseudo
sync pulses
3
MV AGC DET
Detected Macrovision AGC pulses
4
LL NSTD
Line length is nonstandard
5
FSC NSTD
FSC frequency is nonstandard
6
Reserved
7
Reserved
STATUS 3
STATUS_3[7:0], Address 0x13 [7:0]
Table 19. STATUS_3 Function
STATUS_3
[7:0]
Bit Name
Description
0
INST_HLOCK
Horizontal lock indicator
(instantaneous)
1
GEMD
Gemstar detect
2
SD_OP_50Hz
Flags whether 50 Hz or 60 Hz is
present at output
3
Reserved for future use
4
FREE_RUN_ACT
ADV7180 outputs a blue screen
(see the DEF_VAL_EN, Default
Value Enable, Address 0x0C [0]
section)
5
STD FLD LEN
Field length is correct for
currently selected video standard
6
INTERLACED
Interlaced video detected (field
sequence found)
7
PAL_SW_LOCK
Reliable sequence of swinging
bursts detected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com