Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBAS540-HF Datasheet(PDF) 3 Page - Comchip Technology

Part # CDBAS540-HF
Description  SMD Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBAS540-HF Datasheet(HTML) 3 Page - Comchip Technology

  CDBAS540-HF Datasheet HTML 1Page - Comchip Technology CDBAS540-HF Datasheet HTML 2Page - Comchip Technology CDBAS540-HF Datasheet HTML 3Page - Comchip Technology CDBAS540-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SMD Schottky Barrier Rectifiers
Reel Taping Specification
D1
D2
D
W1
B
C
d
D
D2
D1
SYMBOL
(mm)
(inch)
2.953 ± 0.079
1.55 ± 0.05
75.00 ± 2.00
13.00 ± 0.50
178.00 ± 2.00
0.061 ± 0.002
7.008 ± 0.079
0.512 ± 0.020
2.85 ± 0.10
0.112 ± 0.004
5.10 ± 0.10
0.201 ± 0.004
1.25 ± 0.05
0.049 ± 0.002
SMA-S
4.00 ± 0.10
4.00 ± 0.10
2.00 ± 0.05
12.00 ± 0.10
16.80 ± 4.00
SYMBOL
(mm)
(inch)
0.157 ± 0.004
0.157 ± 0.004
0.079 ± 0.002
0.661 ± 0.157
E
F
P
P0
P1
W
W1
1.75 ± 0.10
0.069 ± 0.004
5.50 ± 0.05
0.217 ± 0.002
0.25 ± 0.05
0.010 ± 0.002
T
0.472 ± 0.004
SMA-S
A
Trailer
Device
Leader
400mm (min)
160mm (min)
.......
.......
.......
.......
.......
.......
.......
.......
End
Start
Direction of Feed
T
C
Index hole
d
E
F
B
W
P
P0
P1
A
Page 3
QW-JB069
REV:B
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com