Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBAS560-HF Datasheet(PDF) 4 Page - Comchip Technology

Part # CDBAS560-HF
Description  SMD Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBAS560-HF Datasheet(HTML) 4 Page - Comchip Technology

  CDBAS560-HF Datasheet HTML 1Page - Comchip Technology CDBAS560-HF Datasheet HTML 2Page - Comchip Technology CDBAS560-HF Datasheet HTML 3Page - Comchip Technology CDBAS560-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SMD Schottky Barrier Rectifiers
Marking Code
Part Number
Marking Code
CDBAS540-HF
54S
Standard Packaging
Case Type
3,000
REEL
( pcs )
Reel Size
(inch)
7
REEL PACK
DO-214AC
(SMA-S)
XXX
xxx/xxxx = Product type marking code
= Cathode band
Page 4
QW-JB069
REV:B
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
Suggested PAD Layout
SIZE
(inch)
0.075
(mm)
1.90
1.60
2.70
0.063
0.106
B
C
A
DO-214AC/SMA-S
5.90
0.232
D
A
C
B
D
1.The pad layout is for reference purposes only.
Note:
CDBAS560-HF
CDBAS5100-HF
CDBAS5150-HF
CDBAS5200-HF
56S
510S
520S
515S



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com